| Electronic Components Datasheet Search |
|
TMS320DM647 Datasheet(PDF) 161 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM647 Datasheet(HTML) 161 Page - Texas Instruments |
|
161 / 167 page ![]() www.ti.com 6.23 IEEE 1149.1 JTAG 6.23.1 JTAG Peripheral Register Description(s) – JTAG ID Register TMS320DM647/TMS320DM648 Digital Media Processor SPRS372A – MAY 2007 – REVISED JUNE 2007 The JTAG(2) interface is used for BSDL testing and emulation of the DM647/DM648 devices. TRST needs to be released only when it is necessary to use a JTAG controller to debug the device or exercise the device's boundary scan functionality. Note: TRST is synchronous and must be clocked by TCK; otherwise, the boundary scan logic may not respond as expected after TRST is asserted. For maximum reliability, DM647/DM648 devices include an internal pulldown (IPD) on the TRST pin to make certain that TRST will always be asserted upon power up and the device's internal emulation logic will always be properly initialized. JTAG controllers from Texas Instruments actively drive TRST high. However, some third-party JTAG controllers may not drive TRST high but expect the use of a pullup resistor on TRST. When using this type of JTAG controller, assert TRST to initialize the device after powerup and externally drive TRST high before attempting any emulation or boundary scan operations. (2) IEEE Standard 1149.1-1990 Standard-Test-Access Port and Boundary Scan Architecture. Table 6-84. JTAG ID Register HEX ADDRESS RANGE ACRONYM REGISTER NAME COMMENTS Read-only. Provides 32-bit 0x0204 9018 JTAGID JTAG Identification Register JTAG ID of the device. The JTAG ID register is a read-only register that identifies to the customer the JTAG/Device ID. For the DM647/DM648 devices, the JTAG ID register resides at address location 0x0204 9018. The register hex value for DM647/DM648 is: 0x0B77 A02F . For the actual register bit names and their associated bit field descriptions, see Figure 6-47 and Table 6-85. 31-28 27-12 11-1 0 VARIANT (4-Bit) PART NUMBER (16-Bit) MANUFACTURER (11-Bit) LSB R-0000 R-1011 0111 0111 1010 R-0000 0010 111 R-1 LEGEND: R = Read, W = Write, n = value at reset Figure 6-47. JTAGID Register (0x0204 9018) Description Submit Documentation Feedback Peripheral Information and Electrical Specifications 161 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |