Electronic Components Datasheet Search
  English  ▼

X  

L9945TR Datasheet(PDF) 121 Page - STMicroelectronics

Part # L9945TR
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945TR Datasheet(HTML) 121 Page - STMicroelectronics

Back Button L9945TR Datasheet HTML 117Page - STMicroelectronics L9945TR Datasheet HTML 118Page - STMicroelectronics L9945TR Datasheet HTML 119Page - STMicroelectronics L9945TR Datasheet HTML 120Page - STMicroelectronics L9945TR Datasheet HTML 121Page - STMicroelectronics L9945TR Datasheet HTML 122Page - STMicroelectronics L9945TR Datasheet HTML 123Page - STMicroelectronics L9945TR Datasheet HTML 124Page - STMicroelectronics L9945TR Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 144 page
background image
Symbol
Parameter
Condition
Min. Typ.
Max. Unit
tOC
OC Detection filter time
-
2
-
3
µs
6.3.6
Temperature compensation for OC threshold
The device offers the possibility to compensate the OC threshold against temperature variations. Such feature
can be enabled independently on each channel.
The device is able to monitor the internal junction temperature Tj through on board Temperature ADC. Given the
estimated temperature variation between the device junction and the external FET junction.
Eq. (4): Estimated temperature variation for the compensation algorithm
ΔT=TjFET−Tj
(4)
An internal algorithm measures Tj and is able to compensate VOC against RDSon variations induced by TjFET.
The latter can be estimated according to the given application and operating scenario.
Temperature compensation can be enabled by programming the OC_Temp_comp_xx bit according to the
following table:
Table 42. Temperature compensation
OC_Temp_comp_xx
Function
00
Temperature compensation deactivated
01
Temperature compensation active for estimated ∆T < 60 °C. TCF is saturated at '1' for
Tj ≥ Tj_SAT = 83 °C.
10
Temperature compensation active for estimated ∆T < 40 °C. TCF is saturated at '1' for
Tj ≥ Tj_SAT = 96 °C.
11
Temperature compensation active for estimated ∆T < 25 °C. TCF is saturated at '1' for
Tj ≥ Tj_SAT = 108 °C.
In case temperature compensation is enabled, the overcurrent threshold must be programmed according to Eq.
(3), where ROC is the RDSon of the external FET evaluated for TjFET = 150 °C.
The internal algorithm compensates the OC threshold based on a multiplicative factor:
Eq. (5): Temperature Compensation Factor (TCF)
VOC_comp=TCF×VOC
(5)
TCF = 1 when Tj ≥ Tj_SAT, and it's decremented with a constant slope of 0.38 %/°C for Tj < Tj_SAT.
L9945
Safety & diagnostics
DS12275 - Rev 10
page 121/144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com