Electronic Components Datasheet Search
  English  ▼

X  

L9908 Datasheet(PDF) 117 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 117 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 113Page - STMicroelectronics L9908 Datasheet HTML 114Page - STMicroelectronics L9908 Datasheet HTML 115Page - STMicroelectronics L9908 Datasheet HTML 116Page - STMicroelectronics L9908 Datasheet HTML 117Page - STMicroelectronics L9908 Datasheet HTML 118Page - STMicroelectronics L9908 Datasheet HTML 119Page - STMicroelectronics L9908 Datasheet HTML 120Page - STMicroelectronics L9908 Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 152 page
background image
Table 115. WDT_CFG_CMD
Register name
Address
Field name
Type
Bit offset
Bit width
Reset value
Reset
WDT_CFG_CMD
0xB
UNUSED_2
RO
15
1
0x0
A
NSR
UNUSED_1
RO
14
1
0x0
A
WDT_RESET
00: NO reset
01: NO reset (Default)
10: Reset
11: NO reset
RW
12
2
0x1
A
WDT_FAIL_COUNT_CFG
00: 1
01: 1
10: 2
11: 3 (Default)
RW
10
2
0x3
A
WDT_OVF_CFG
00: 11.26 ms
01: 22.52 ms (Default)
10: 45.04 ms
11: 90.11 ms
RW
8
2
0x1
A
WDT_GRAY
RO
4
4
0x0
A
WDT_BINARY
RW
0
4
0x0
A
Table 116. WDT_STATUS
Register name
Address
Field name
Type
Bit offset
Bit width
Reset value
Reset
WDT_STATUS
0xC
UNUSED_4
RO
15
1
0x0
A
NSR
UNUSED_3
RO
14
1
0x0
A
UNUSED_2
RO
13
1
0x0
A
UNUSED_1
RO
12
1
0x0
A
UNUSED_0
RO
11
1
0x0
A
WDT_FAIL_COUNT_STATUS
RO
9
2
0x0
A
WDT_OVF_STATUS
RO
3
6
0x0
A
WD_ON_STATUS
RO
2
1
0x0
A
WDT_DATA_FAIL
RO
1
1
0x0
A
WDT_OVF_FAIL
RO
0
1
0x0
A
Table 117. BIST_KEY
Register name Address
Field name
Type Bit offset Bit width Reset value Reset
BIST_KEY
0xD
UNUSED_7
RO
15
1
0x0
B
NSR
UNUSED_6
RO
14
1
0x0
B
UNUSED_5
RO
13
1
0x0
B
UNUSED_4
RO
12
1
0x0
B
UNUSED_3
RO
11
1
0x0
B
UNUSED_2
RO
10
1
0x0
B
L9908
Functional description
DS13546 - Rev 5
page 117/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com