Electronic Components Datasheet Search
  English  ▼

X  

BAS16QB Datasheet(PDF) 119 Page - Nexperia B.V. All rights reserved

Part # BAS16QB
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS16QB Datasheet(HTML) 119 Page - Nexperia B.V. All rights reserved

Back Button BAS16QB Datasheet HTML 115Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 116Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 117Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 118Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 119Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 120Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 121Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 122Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 123Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 234 page
background image
Automotive analog & logic ICs
Type number
Description
Features
Package (suffix)
74LVC573A-Q100
Octal D-type transparent latch (3-state)
1.2 - 3.6
± 24
3.4
-40 to 125
•
•
•
74LVC823A-Q100
9-bit D-type flip-flop;
positive-edge trigger (3-state)
1.2 - 3.6
± 24
5.4
-40 to 125
•
74LVC16374A-Q100
16-bit D-type flip-flop;
positive-edge trigger (3-state)
1.2 - 3.6
± 24
3.8
-40 to 125
•
74LVCH16374A-Q100
16-bit D-type flip-flop with bus hold;
positive-edge trigger (3-state)
1.2 - 3.6
± 24
3.8
-40 to 125
•
HEF4013B-Q100
Dual D-type flip-flop with set and reset;
positive-edge trigger
3.0 - 15
± 2.4
30
-40 to 85
•
•
HEF4027B-Q100
Dual J-K flip-flop
3.0 - 15
± 2.4
30
-40 to 85
•
Gates
Type number
Description
Features
Package (suffix)
74AHC00-Q100
Quad 2-input NAND gate
2.0 - 5.5
± 8
3.2
-40 to 125
•
•
•
74AHCT00-Q100
Quad 2-input NAND gate; TTL-enabled
4.5 - 5.5
± 8
3.3
-40 to 125
•
•
•
74AHC02-Q100
Quad 2-input NOR gate
2.0 - 5.5
± 8
2.9
-40 to 125
•
•
•
74AHCT02-Q100
Quad 2-input NOR gate; TTL-enabled
4.5 - 5.5
± 8
3.8
-40 to 125
•
•
•
74AHC08-Q100
Quad 2-input AND gate
2.0 - 5.5
± 8
3.5
-40 to 125
•
•
•
74AHCT08-Q100
Quad 2-input AND gate; TTL-enabled
4.5 - 5.5
± 8
5.0
-40 to 125
•
•
•
74AHC30-Q100
8-input NAND gate
2.0 - 5.5
± 8
3.6
-40 to 125
•
•
•
74AHCT30-Q100
8-input NAND gate; TTL-enabled
4.5 - 5.5
± 8
3.3
-40 to 125
•
•
•
74AHC32-Q100
Quad 2-input OR gate
2.0 - 5.5
± 8
3.5
-40 to 125
•
•
•
74AHCT32-Q100
Quad 2-input OR gate; TTL-enabled
4.5 - 5.5
± 8
5.0
-40 to 125
•
•
•
74AHC86-Q100
Quad 2-input EXCLUSIVE-OR gate
2.0 - 5.5
± 8
3.4
-40 to 125
•
•
•
74AHCT86-Q100
Quad 2-input EXCLUSIVE-OR gate; TTL-enabled
4.5 - 5.5
± 8
3.4
-40 to 125
•
•
•
74ALVC00-Q100
Quad 2-input NAND gate
1.65 - 3.6
± 24
2.1
-40 to 85
•
•
•
Flip-flops
119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com