Electronic Components Datasheet Search
  English  ▼

X  

BAS16QB Datasheet(PDF) 124 Page - Nexperia B.V. All rights reserved

Part # BAS16QB
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS16QB Datasheet(HTML) 124 Page - Nexperia B.V. All rights reserved

Back Button BAS16QB Datasheet HTML 120Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 121Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 122Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 123Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 124Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 125Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 126Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 127Page - Nexperia B.V. All rights reserved BAS16QB Datasheet HTML 128Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 234 page
background image
Automotive analog & logic ICs
Shift registers
Type number
Description
Features
Package (suffix)
74AHC164-Q100
8-bit serial-in/parallel-out shift register
2.0 - 5.5
± 8
4.5
-40 to 125
•
•
•
74AHCT164-Q100
8-bit serial-in/parallel-out shift register; TTL-enabled
4.5 - 5.5
± 8
3.4
-40 to 125
•
•
•
74AHC594-Q100
8-bit serial-in/parallel-out shift register with output register
2.0 - 5.5
± 8
4.1
-40 to 125
•
•
•
74AHCT594-Q100
8-bit serial-in/parallel-out shift register with output register; TTL-enabled
4.5 - 5.5
± 8
3.8
-40 to 125
•
•
•
74AHC595-Q100
8-bit serial-in/parallel-out shift register with output register (3-state)
2.0 - 5.5
± 8
4.0
-40 to 125
•
•
•
74AHCT595-Q100
8-bit serial-in/parallel-out shift register with output storage;
TTL-enabled (3-state)
4.5 - 5.5
± 8
3.8
-40 to 125
•
•
•
74HC164-Q100
8-bit serial-in/parallel-out shift register
2.0 - 6.0
± 5.2
12
-40 to 125
•
•
•
74HCT164-Q100
8-bit serial-in/parallel-out shift register; TTL-enabled
4.5 - 5.5
± 4
12
-40 to 125
•
•
•
74HC165-Q100
8-bit parallel or serial-in/serial-out shift register
2.0 - 6.0
± 5.2
16
-40 to 125
•
•
•
74HCT165-Q100
8-bit parallel or serial-in/serial-out shift register; TTL-enabled
4.5 - 5.5
± 4
14
-40 to 125
•
•
•
74HC166-Q100
8-bit parallel or serial-in/serial-out shift register
2.0 - 6.0
± 5.2
15
-40 to 125
•
•
74HCT166-Q100
8-bit parallel or serial-in/serial-out shift register; TTL-enabled
4.5 - 5.5
± 4
23
-40 to 125
•
74HC594-Q100
8-bit serial-in/parallel-out shift register with output storage register
2.0 - 6.0
± 7.8
14
-40 to 125
•
74HCT594-Q100
8-bit serial-in/parallel-out shift register with output storage register;
TTL-enabled
4.5 - 5.5
± 6
15
-40 to 125
•
74HC595-Q100
8-bit serial-in/parallel-out shift register with output storage register
(3-state)
2.0 - 6.0
± 7.8
16
-40 to 125
•
•
•
74HCT595-Q100
8-bit serial-in/parallel-out shift register with output storage register;
TTL-enabled (3-state)
4.5 - 5.5
± 6
25
-40 to 125
•
•
•
74HC597-Q100
8-bit parallel or serial-in/parallel-out shift register with parallel input
register
2.0 - 6.0
± 5.2
16
-40 to 125
•
•
74HCT597-Q100
8-bit parallel or serial-in/parallel-out shift register with parallel input
register; TTL-enabled
4.5 - 5.5
± 4
20
-40 to 125
•
74HC4094-Q100
8-bit serial-in/serial or parallel-out shift register with output register
(3-state)
2.0 - 6.0
± 5.2
15
-40 to 125
•
•
74HCT4094-Q100
8-bit serial-in/serial or parallel-out shift register with output register;
TTL-enabled (3-state)
4.5 - 5.5
± 4
19
-40 to 125
•
74LV164-Q100
8-bit serial-in/parallel-out shift register
1.0 - 5.5
± 12
12
-40 to 125
•
•
•
74LV165-Q100
8-bit parallel or serial-in/serial-out shift register
1.0 - 5.5
± 12
18
-40 to 125
•
•
Nexperia selection guide 2020
124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com