Electronic Components Datasheet Search
  English  ▼

X  

LSF0108 Datasheet(PDF) 127 Page - Nexperia B.V. All rights reserved

Part # LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Datasheet(HTML) 127 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 123Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 124Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 125Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 126Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 127Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 128Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 129Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 130Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 131Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 234 page
background image
Automotive analog & logic ICs
Q100 mini logic functions and packages
Analog switches
Type number
Description
Features
Package (suffix)
74AHC1G66-Q100
Single-pole, single-throw analog switch
SPST-NO
2.0 - 5.5
40
5
-40 to 125
•
•
74AHCT1G66-Q100
Single-pole, single-throw analog switch; TTL-enabled
SPST-NO
4.5 - 5.5
40
5
-40 to 125
•
•
74HC1G66-Q100
Single-pole, single-throw analog switch
SPST-NO
2.0 - 9.0
105
23
-40 to 125
•
•
74HCT1G66-Q100
Single-pole, single-throw analog switch; TTL-enabled
SPST-NO
4.5 - 5.5
118
23
-40 to 125
•
•
74HC2G66-Q100
Dual single-pole, single-throw analog switch
SPST-NO
2.0 - 9.0
105
23
-40 to 125
•
•
74HCT2G66-Q100
Dual single-pole, single-throw analog switch; TTL-enabled
SPST-NO
4.5 - 5.5
118
23
-40 to 125
•
•
74LVC1G53-Q100
Single-pole, double-throw analog switch
SPDT-Z
1.65 - 5.5
15
1.5
-40 to 125
•
•
74LVC1G66-Q100
Single-pole, single-throw analog switch
SPST-NO
1.65 - 5.5
15
1.5
-40 to 125
•
•
74LVC1G384-Q100
Single-pole, single-throw analog switch
SPST-NC
1.65 - 5.5
15
1.5
-40 to 125
•
•
74LVC1G3157-Q100
Single-pole, double-throw analog switch
SPDT
1.65 - 5.5
15
1.5
-40 to 125
•
•
74LVC2G3157-Q100
Dual 10 Ω single-pole double-throw analog switch
SPDT
1.65 - 5.5
15
1.5
-40 to 125
•
74LVC2G66-Q100
Dual single-pole, single-throw analog switch
SPST-NO
1.65 - 5.5
15
1.5
-40 to 125
•
•
Bus switches
Type number
Description
Features
Package (suffix)
CBT3306-Q100
Dual bus switch
4.5 - 5.5
3.9
7
-40 to 85
•
•
Counters/frequency dividers
Type number
Description
Features
Package (suffix)
74AHC1G4208-Q100
08-stage divider and oscillator
2.0 - 5.5
±5.2
CMOS
14
-40 to 125
•
74AHC1G4210-Q100
10-stage divider and oscillator
2.0 - 5.5
±8
CMOS
14
-40 to 125
•
74AHC1G4212-Q100
12-stage divider and oscillator
2.0 - 5.5
±8
CMOS
20
-40 to 125
•
74AHC1G4214-Q100
14-stage divider and oscillator
2.0 - 5.5
±8
CMOS
23
-40 to 125
•
74AHC1G4215-Q100
15-stage divider and oscillator
2.0 - 5.5
±8
CMOS
24
-40 to 125
•
Types in
bold represent new products
Types in
bold represent new products
127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com