Electronic Components Datasheet Search
  English  ▼

X  

LSF0108 Datasheet(PDF) 139 Page - Nexperia B.V. All rights reserved

Part # LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Datasheet(HTML) 139 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 135Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 136Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 137Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 138Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 139Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 140Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 141Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 142Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 143Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 234 page
background image
Type number
Description
V
CC
(V)
Logic
switching
levels
Output drive
capability
(mA)
Output
Load
CL (pF)
t
pd (ns)
f
max
(MHz)
T
amb (°C)
74HCT3G06
Triple inverter; open drain; TTL-enabled
4.5 - 5.5
TTL
4
50
9.0
36
-40 to 125
74HCT3G07
Triple buffer; open drain; TTL-enabled
4.5 - 5.5
TTL
4
50
9.0
36
-40 to 125
74HCT3G14
Triple inverter Schmitt-trigger; TTL-enabled
4.5 - 5.5
TTL
±4
50
21
36
-40 to 125
74HCT3G16
Triple buffer; TTL-enabled
4.5 - 5.5
TTL
±4
50
10
36
-40 to 125
74HCT3G34
Triple buffer; TTL-enabled
4.5 - 5.5
TTL
±4
50
10
36
-40 to 125
74HCT540
Octal inverter/line driver; TTL-enabled (3-state)
4.5 - 5.5
TTL
±6
50
11
36
-40 to 125
74HCT541
Octal buffer/line driver; TTL-enabled (3-state)
4.5 - 5.5
TTL
±6
50
12
36
-40 to 125
74HCT7540
Octal inverter/line driver Schmitt-trigger; TTL-enabled
(3-State)
4.5 - 5.5
TTL
±6
15
16
36
-40 to 125
74HCT7541
Octal buffer/line driver Schmitt-trigger; TTL-enabled
(3-State)
4.5 - 5.5
TTL
±6
15
16
36
-40 to 125
74HCT9114
9-bit inverter Schmitt-trigger; open-drain; TTL-enabled
(3-state)
4.5 - 5.5
TTL
4
15
13
36
-40 to 125
74HCU04
Hex inverter; unbuffered
2.0 - 6.0
CMOS
±5.2
50
5.0
36
-40 to 125
74LV04
Hex inverter
1.0 - 5.5
CMOS
±12
50
6.0
30
-40 to 125
74LV04AT
Hex buffer
4.5 - 5.5
TTL
±12
15
3.3
60
-40 to 125
74LV05A
Hex inverter; open-drain
2.0 - 5.5
CMOS
12
15
2.9
60
-40 to 125
74LV07A
Hex buffer; open-drain
2.0 - 5.5
CMOS
16
15
3.6
60
-40 to 125
74LV07AT
Hex buffer; open-drain; TTL-enabled
4.5 - 5.5
TTL
16
15
3.5
60
-40 to 125
74LV14
Hex inverter; Schmitt-trigger
1.0 - 5.5
TTL
±12
50
13
30
-40 to 125
74LV14A
Hex inverter; Schmitt-trigger
2.0 - 5.5
CMOS
±12
15
3.4
60
-40 to 125
74LV17A
Hex buffer; Schmitt-trigger
2.0 - 5.5
CMOS
±12
15
3.4
60
-40 to 125
74LV1T04
Single supply translating inverter
1.6 - 5.5
CMOS
±8
15
3.1
60
-40 to 125
74LV1T34
Single supply tanslating buffer
1.6 - 5.5
CMOS
±8
15
3.1
60
-40 to 125
74LV1T125
Single supply translating buffer / line driver (3-state)
1.6 - 5.5
CMOS
±8
15
3.2
60
-40 to 125
74LV1T126
Single supply translating buffer / line driver (3-state)
1.6 - 5.5
CMOS
±8
15
3.2
60
-40 to 125
74LV244
Octal buffer/line driver (3-state)
1.0 - 5.5
CMOS
±16
50
8.0
30
-40 to 125
74LV244A
Octal buffer/line driver (3-state)
2.0 - 5.5
CMOS
±16
15
2.9
60
-40 to 125
74LV244AT
Octal buffer/line driver; TTL-enabled (3-state)
4.5 - 5.5
TTL
±16
15
2.8
60
-40 to 125
74LV365
Hex buffer/line driver (3-state)
1.0 - 3.6
CMOS
±8
50
9.0
30
-40 to 125
74LV540A
Octal buffer/line driver (3-state); inverting
1.65 - 5.5
CMOS/LVTTL
±16
15
3.1
60
-40 to 125
74LV541A
Octal buffer/line driver (3-state)
2.0 - 5.5
CMOS
±16
15
2.9
60
-40 to 125
74LV541AT
Octal buffer/line driver; TTL-enabled (3-state)
4.5 - 5.5
TTL
±16
15
2.8
60
-40 to 125
74LVC04A
Hex inverter
1.65 - 5.5
CMOS/LVTTL
±24
50
2.0
175
-40 to 125
74LVC06A
Hex inverter; open drain
1.65 - 5.5
CMOS/LVTTL
32
50
2.2
175
-40 to 125
74LVC07A
Hex buffer; open drain
1.65 - 5.5
CMOS/LVTTL
32
50
2.2
175
-40 to 125
74LVC125A
Quad buffer/line driver (3-state)
1.2 - 3.6
CMOS/LVTTL
±24
50
2.4
175
-40 to 125
74LVC126A
Quad buffer/line driver (3-state)
1.2 - 3.6
CMOS/LVTTL
±24
50
2.4
175
-40 to 125
74LVC14A
Hex inverter; Schmitt-trigger
1.2 - 3.6
CMOS/LVTTL
±24
50
3.2
175
-40 to 125
74LVC162244A
16-bit buffer/line driver with 30 Ω termination resistors
(3-state)
1.2 - 3.6
CMOS/LVTTL
±24
50
2.9
175
-40 to 125
74LVC16240A
16-bit inverter/line driver (3-state)
1.2 - 3.6
CMOS/LVTTL
±24
50
2.7
175
-40 to 125
74LVC16241A
16-bit buffer/line driver (3-state)
1.2 - 3.6
CMOS/LVTTL
±24
50
2.9
175
-40 to 125
74LVC16244A
16-bit buffer/line driver (3-state)
1.2 - 3.6
CMOS/LVTTL
±24
50
3.0
175
-40 to 125
74LVC1G04
Single inverter
1.65 - 5.5
CMOS/LVTTL
±32
50
2.0
175
-40 to 125
74LVC1G06
Single inverter; open drain
1.65 - 5.5
CMOS/LVTTL
32
50
2.3
175
-40 to 125
74LVC1G07
Single buffer; open drain
1.65 - 5.5
CMOS/LVTTL
32
50
2.2
175
-40 to 125
Buffers/Inverters/Drivers
Asynchronous interface analog & logic ICs
139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com