Electronic Components Datasheet Search
  English  ▼

X  

LSF0108 Datasheet(PDF) 146 Page - Nexperia B.V. All rights reserved

Part # LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Datasheet(HTML) 146 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 142Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 143Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 144Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 145Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 146Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 147Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 148Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 149Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 150Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 234 page
background image
Asynchronous interface analog & logic ICs
Type number
Description
V
CC
(V)
Logic
switching
levels
Output drive
capability
(mA)
t
pd (ns)
Number
of bits
f
max
(MHz)
T
vv (°C)
74LVT162245B
16-bit transceiver with bus hold and 30 Ω termination
resistors (3-state)
2.7 - 3.6
TTL
±12
2.5
16
150
-40 to 85
74LVT16245B
16-bit transceiver with bus hold (3-state)
2.7 - 3.6
TTL
-32 / 64
1.9
16
150
-40 to 85
74LVT16543A
16-bit registered transceiver with bus hold (3-state)
2.7 - 3.6
TTL
-32 / 64
2.2
16
150
-40 to 85
74LVT16543A
16-bit registered transceiver with bus hold (3-state)
2.7 - 3.6
TTL
-32 / 64
2
16
150
-40 to 85
74LVT2245
Octal transceiver with bus hold and 30 Ω termination
resistors (3-state)
2.7 - 3.6
TTL
±12
3.2
8
150
-40 to 85
74LVT245
Octal transceiver (3-state)
2.7 - 3.6
TTL
-32 / 64
2.4
8
150
-40 to 85
74LVT245B
Octal transceiver (3-state)
2.7 - 3.6
TTL
-32 / 64
2
8
150
-40 to 85
74LVT640
Octal transceiver with bus hold; inverting (3-state)
2.7 - 3.6
TTL
-32 / 64
2.4
8
150
-40 to 85
74LVTH16245B
16-bit transceiver with bus hold (3-state)
2.7 - 3.6
TTL
-32 / 64
1.9
16
150
-40 to 85
74LVTH2245
Octal transceiver with bus hold and 30 Ω termination
resistors (3-state)
2.7 - 3.6
TTL
±12
3.2
8
150
-40 to 85
74LVTN16245B
16-bit transceiver (3-state)
2.7 - 3.6
TTL
-32 / 64
1.9
16
150
-40 to 85
74VHC245
Octal transceiver (3-state)
2.0 - 5.5
CMOS
±8
3.5
8
60
-40 to 125
74VHCT245
Octal transceiver; TTL-enabled (3-state)
4.5 - 5.5
TTL
±8
5.0
8
60
-40 to 125
Voltage translators (level-shifters)
Type number
Description
V
CC(A) (V)
V
CC(B) (V)
Logic
switching
levels
Output drive
capability
(mA)
t
pd (ns)
Output
Load C
L
(pF)
Number
of bits
T
amb (°C)
74ALVC164245
16-bit dual-supply voltage-translating
transceiver (3-state)
1.5 - 5.5
1.5 - 3.6
CMOS/
LVTTL
±24
2.9
50
16
-40 to 85
74AUP1T00
Single supply 2-input voltage-translating
NAND gate
2.3 - 3.6
n.a.
CMOS
±4
3.7
15
1
-40 to 125
74AUP1T02
Single supply 2-input voltage-translating
NOR gate
2.3 - 3.6
n.a.
CMOS
±4
3.6
15
1
-40 to 125
74AUP1T04
Single supply voltage-translating inverter
2.3 - 3.6
n.a.
CMOS
±4
3.6
15
1
-40 to 125
74AUP1T08
Single supply 2-input voltage-translating
AND gate
2.3 - 3.6
n.a.
CMOS
±4
3.6
15
1
-40 to 125
74AUP1T14
Single supply voltage-translating inverter
2.3 - 3.6
n.a.
CMOS
±4
3.6
15
1
-40 to 125
74AUP1T17
Single supply voltage-translating buffer
2.3 - 3.6
n.a.
CMOS
±4
3.6
15
1
-40 to 125
74AUP1T32
Single supply 2-input voltage-translating
OR gate
2.3 - 3.6
n.a.
CMOS
±4
3.6
15
1
-40 to 125
74AUP1T34
Single dual-supply translating buffer
1.1 - 3.6
1.1 - 3.6
CMOS
±4
3.9
15
1
-40 to 125
74AUP1T45
Single dual-supply voltage-translating
transceiver (3-state)
1.1 - 3.6
1.1 - 3.6
CMOS
±4
4.5
15
1
-40 to 125
74AUP1T50
Single supply voltage-translating buffer
2.3 - 3.6
n.a.
CMOS
±4
8.7
15
1
-40 to 125
74AUP1T57
Configurable gate with voltage-level
translation
2.3 - 3.6
n.a.
CMOS
±4
3.8
15
1
-40 to 125
74AUP1T58
Configurable gate with voltage-level
translation
2.3 - 3.6
n.a.
CMOS
±4
3.8
15
1
-40 to 125
74AUP1T86
Single supply 2-input voltage-translating
XOR gate
2.3 - 3.6
n.a.
CMOS
±4
8.7
15
1
0
74AUP1T87
Single supply 2-input voltage-translating
XNOR gate
2.3 - 3.6
n.a.
CMOS
±4
8.7
15
1
-40 to 125
74AUP1T97
Configurable gate with voltage-level
translation
2.3 - 3.6
n.a.
CMOS
±4
3.8
15
1
-40 to 125
74AUP1T98
Configurable gate with voltage-level
translation
2.3 - 3.6
n.a.
CMOS
±4
3.8
15
1
-40 to 125
Transceivers
Nexperia selection guide 2020
146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com