Electronic Components Datasheet Search
  English  ▼

X  

LSF0108 Datasheet(PDF) 171 Page - Nexperia B.V. All rights reserved

Part # LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Datasheet(HTML) 171 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 167Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 168Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 169Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 170Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 171Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 172Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 173Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 174Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 175Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 234 page
background image
171
Package details and packing methods
Package details and packing methods SMD
Package details and packing methods
Package details
Packing methods
Packing quantity and ordering code (12NC ending)
3
DFN1010D-3
(SOT1215)
1.1 x 1 x
0.37
1.1 x 1
1.1
0.75
4 mm pitch.
8 mm tape
and reel
180 × 8
-147
DPAK
(SOT428C)
6.1 X 6.6
X 2.3
10 X 6.6
66
2,29
8 mm pitch. 16
mm tape and reel
-118
D2PAK
(SOT404A)
11 x 10 x
4.3
15.3 x 10
153
2.54
16 mm pitch.
24 mm tape
and reel
330 x 24 -118
D2PAK
(SOT404)
11 x 10 x
4.3
15.3 x 10
153
2.54
16 mm pitch.
24 mm tape
and reel
330 × 24 -118
SC-70
(SOT323)
2 x 1.25 x
0.95
2.1 x 2
4.2
1.3
4 mm pitch.
8 mm tape
and reel
180 × 8
-115
-135
-300
DFN2020-3
(SOT1061)
2 x 2 x
0.65
2 x 2
4
1.3
4 mm pitch.
8 mm tape
and reel
180 x 8
-115
-147
330 x 8
-135
DFN2020D-3
(SOT1061D)
2 x 2 x
0.65
2 x 2
4
1.3
4 mm pitch.
8 mm tape
and reel
180 × 8
-115
TO-236AB
(SOT23)
2.9 x 1.3
x 1
2.3 x 1.3
2.99
1.9
4 mm pitch.
8 mm tape
and reel
180 × 8
-215
-185
286 x 8
-235
-300
SOT89
(SC-62)
4.5 x 2.5
x 1.5
4.5 x 4
18
1.5
8 mm pitch.
12 mm tape
and reel
180 × 12
-147
-135
CFP15
(SOT1289)
5.8 x 4.3 x
0.78
6.5 x 4.3
27.95
2.13
8 mm pitch.
12 mm tape
and reel
180 × 12
-146
330 x 12
-139
CFP15B
(SOT1289B)
5.8 x 4.3 x
0.95
6.8 x 4.3
29.24
2.13
8 mm pitch.
12 mm tape
and reel
-139
4
X2SON4
(SOT1269-2)
0.6 x 0.6 x
0.35
0.6 x 0.6
0.36
0.4
2 mm pitch.
8 mm tape
and reel
180 × 8
-147
SOT143B
2.9 x 1.3
x 1
2.9 x 2.3
6.67
1.9
4 mm pitch.
8 mm tape
and reel
180 × 8
-215
286 x 8
-235
LFPAK56E;
Power-SO8
(SOT1023)
4.58 x
5.13 x
1.03
5 x 6
30
1.27
8 mm pitch.
12 mm tape
and reel
180 × 12
-115
LFPAK56-
UL2595
(SOT1023A)
4.6 x 5.1
x 1
5 x 6
30
1.27
8 mm pitch.
12 mm tape
and reel
180 x 12
-115
LFPAK56;
Power-SO8
(SOT669)
4.9 x 4.45
x 1
5 x 6
30
1.27
8 mm pitch.
12 mm tape
and reel
180 × 12
-115
SC-73
(SOT223)
6.5 x 3.5 x
1.65
7 x 6.5
45.5
4.6
8 mm pitch.
12 mm tape
and reel
180 × 12
-115
330 x 12
-135
LFPAK88
(SOT1235)
6.3 x 8 x
1.75
8 x 8
64
2
12 mm pitch.
16 mm tape
and reel
330 x 16
-118
5
X2SON5
(SOT1226)
0.8 x 0.8 x
0.35
0.8 x 0.8
0.64
0.4
2 mm pitch.
8 mm tape
and reel
180 × 8
-125
TSSOP5
(SOT353)
2 x 1.25 x
0.95
2.1 x 2
4.2
1.3
4 mm pitch.
8 mm tape
and reel
180 × 8
-115
286 x 8
-135
TSSOP5
(SOT353-1)
2.1 x 1.25
x 0.95
2.1 x 2
4.2
0.65
4 mm pitch.
8 mm tape
and reel
180 × 8
-125
TSOP5
(SOT753)
2.9 x 1.5
x 1
2.9 x 2.75
8
0.95
4 mm pitch.
8 mm tape
and reel
180 × 8
-125
6
XSON6
(SOT1115)
0.9 x 1.0 x
0.35
0.9 x 1
0.9
0.3
4 mm pitch.
8 mm tape
and reel
180 × 8
-125
XSON6
(SOT1202)
1 x 1 x
0.35
1 x 1
1
0.35
4 mm pitch.
8 mm tape
and reel
180 × 8
-125
XSON6
(SOT891)
1 x 1 x 0.5
1 x 1
1
0.35
4 mm pitch.
8 mm tape
and reel
180 × 8
-125
SOT428C
Plastic single-ended surface-mounted package (DPAK); 3
leads (one lead cropped)
23 October 2019
Package information
1. Package summary
Terminal position code
S (single)
Package type descriptive code
DPAK
Package type industry code
DPAK
Package style descriptive code
SMS (surface-mounted single in-line)
Package body material type
P (plastic)
JEDEC package outline code
TO-252
JEITA package outline code
SC-63
Mounting method type
S (surface mount)
Number of package outline detail graphic
references
0
Issue date
28-8-2019
Manufacturer package code
SOT428
Table 1. Package summary
Symbol
Parameter
Min
Typ
Nom
Max
Unit
D
package length
5.98
-
6.1
6.22
mm
E
package width
6.47
-
6.6
6.73
mm
A
seated height
2.22
-
2.3
2.38
mm
e
nominal pitch
-
-
2.285
-
mm
e1
minimal pitch
-
-
4.57
-
mm
n2
actual quantity of termination
-
-
3
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com