Electronic Components Datasheet Search
  English  ▼

X  

LSF0108 Datasheet(PDF) 213 Page - Nexperia B.V. All rights reserved

Part # LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Datasheet(HTML) 213 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 209Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 210Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 211Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 212Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 213Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 214Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 215Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 216Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 217Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 234 page
background image
213
TSSOP14 (SOT402-1)
TSSOP14 (SOT402-1)
SOT402-1
Footprint information for reflow soldering of TSSOP14 package
sot402-1_fr
Issue date 17-11-28
17-12-01
occupied area
solder paste deposit
solder land
solder land plus solder paste
recommended stencil thickness: 0.125 mm
1.35
5.30
7.45
0.125
4.50
1.25
7.20
0.60
0.3
0.5
0.75
0.40
0.65
0.125
4.95
5.80
SOT402-1
Footprint information for reflow soldering of TSSOP14 package
sot402-1_fr
Issue date 17-11-28
17-12-01
occupied area
solder paste deposit
solder land
solder land plus solder paste
recommended stencil thickness: 0.125 mm
1.35
5.30
7.45
0.125
4.50
1.25
7.20
0.60
0.3
0.5
0.75
0.40
0.65
0.125
4.95
5.80
Minimized outline drawings and reflow soldering footprint
Dimensions in mm
14-pin SMD packages
16-pin SMD packages
SO14 (SOT108-1)
SO14 (SOT108-1)
SOT108-1
Footprint information for reflow soldering of SO14 package
sot108-1_fr
Issue date 09-12-13
18-10-08
0.125
1.32
1.65
1.75
1.85
1.27
0.125
8.77
10.65
5.2 7.4 7.65
recommended stencil thickness: 0.15 mm
occupied area
solder paste
solder resist
solder land
0.7
0.8
0.9
0.6
0.7
0.8
3.9
SOT108-1
Footprint information for reflow soldering of SO14 package
sot108-1_fr
Issue date 09-12-13
18-10-08
0.125
1.32
1.65
1.75
1.85
1.27
0.125
8.77
10.65
5.2 7.4 7.65
recommended stencil thickness: 0.15 mm
occupied area
solder paste
solder resist
solder land
0.7
0.8
0.9
0.6
0.7
0.8
3.9
03-02-19
Dimensions in mm
1.75
max
0.25
0.19
1.0
0.4
1.27
4.0
3.8
0.49
0.36
6.2
5.8
pin 1 index
8.75
8.55
17
14
8
XQFN16 (SOT1161-1)
XQFN16 (SOT1161-1)
Images are for reference only, for detailed drawings please visit nexperia.com/packages
DFN3314-16 (SOT974-2)
DFN3314-16 (SOT974-2)
Unit(1)
mm
max
nom
min
0.55 0.05
0.00
0.25
0.20
0.15
3.4
3.3
3.2
2.9
2.8
2.7
1.45
1.35
1.25
0.4 2.8
0.30
0.25
0.20
0.05
A
Dimensions
A1
c
0.127
bD
Dh
EEh
0.45
0.40
0.35
ee1
k
0.2
Lv
0.1
w
0.05
y
0.05
y1
01
2 mm
scale
X
C
y
C
y1
tiebars are indicated on
arbitrary location and size
detail X
A
A1
c
terminal 1
index area
B
A
D
E
b
terminal 1
index area
e1
e
A
C
B
v
C
w
L
k
Eh
Dh
1
16
8
9
Nexperia
SOT974-2
plastic, leadless thermal enhanced extremely thin small outline package; 16 terminals; 0.4 mm pitch; 3.3
mm x 1.35 mm x 0.5 mm body
3. Soldering
SOT974-2
DIMENSIONS in mm
Footprint information for reflow soldering of HXSON16 package
Generic footprint pattern
Refer to the package outline drawing for actual layout
By
D
Slx
Sly
Gx
Gy
Hx
Hy
P
Ay
SPx SPy
nSPx nSPy
SPx tot SPy tot
solder land plus solder paste
occupied area
solder land
solder paste deposit
solder resist
D
P
Gx
Gy
Hx
Hy
SPx
SPy SPy tot SLy
By
Ay
nSPx
SPx tot
SLx
0.05
0.05
sot974-2_fr
Issue date 12-08-15
12-08-28
0.780 0.220 3.000 0.400
0.400 1.780
3.230 1.700 3.510 1.990
0.350 0.300
3
1
2.350
0.300
Fig. 2. Reflow soldering footprint for DFN3314-16 (SOT974-2)
SOT974-2
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Package information
3 June 2018
3 / 5
Nexperia
SOT974-2
plastic, leadless thermal enhanced extremely thin small outline package; 16 terminals; 0.4 mm pitch; 3.3
mm x 1.35 mm x 0.5 mm body
3. Soldering
SOT974-2
DIMENSIONS in mm
Footprint information for reflow soldering of HXSON16 package
Generic footprint pattern
Refer to the package outline drawing for actual layout
By
D
Slx
Sly
Gx
Gy
Hx
Hy
P
Ay
SPx SPy
nSPx nSPy
SPx tot SPy tot
solder land plus solder paste
occupied area
solder land
solder paste deposit
solder resist
D
P
Gx
Gy
Hx
Hy
SPx
SPy SPy tot SLy
By
Ay
nSPx
SPx tot
SLx
0.05
0.05
sot974-2_fr
Issue date 12-08-15
12-08-28
0.780 0.220 3.000 0.400
0.400 1.780
3.230 1.700 3.510 1.990
0.350 0.300
3
1
2.350
0.300
Fig. 2. Reflow soldering footprint for DFN3314-16 (SOT974-2)
SOT974-2
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Package information
3 June 2018
3 / 5
Nexperia
SOT974-2
plastic, leadless thermal enhanced extremely thin small outline package; 16 terminals; 0.4 mm pitch; 3.3
mm x 1.35 mm x 0.5 mm body
3. Soldering
SOT974-2
DIMENSIONS in mm
Footprint information for reflow soldering of HXSON16 package
Generic footprint pattern
Refer to the package outline drawing for actual layout
By
D
Slx
Sly
Gx
Gy
Hx
Hy
P
Ay
SPx SPy
nSPx nSPy
SPx tot SPy tot
solder land plus solder paste
occupied area
solder land
solder paste deposit
solder resist
D
P
Gx
Gy
Hx
Hy
SPx
SPy SPy tot SLy
By
Ay
nSPx
SPx tot
SLx
0.05
0.05
sot974-2_fr
Issue date 12-08-15
12-08-28
0.780 0.220 3.000 0.400
0.400 1.780
3.230 1.700 3.510 1.990
0.350 0.300
3
1
2.350
0.300
Fig. 2. Reflow soldering footprint for DFN3314-16 (SOT974-2)
SOT974-2
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Package information
3 June 2018
3 / 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com