| Electronic Components Datasheet Search |
|
ADE7566ACPZF16 Datasheet(PDF) 133 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE7566ACPZF16 Datasheet(HTML) 133 Page - Analog Devices |
|
133 / 144 page ![]() ADE7566/ADE7569/ADE7166/ADE7169 Rev. A | Page 133 of 144 SPI INTERRUPT AND STATUS FLAGS The SPI interface has several status flags that indicate the status of the double-buffered receive and transmit registers. Figure 109 shows when the status and interrupt flags are raised. The transmit interrupt occurs when the transmit shift register is loaded with the data in the SPI/I2C Transmit Buffer SFR (SPI2CTx, 0x9A) register. If the SPI master is in transmit operating mode, and the SPI/I2C Transmit Buffer SFR (SPI2CTx, 0x9A) register has not been written with new data by the beginning of the next byte transfer, the transmit operation stops. When a new byte of data is received in the SPI/I2C Receive Buffer SFR (SPI2CRx, 0x9B) register, the SPI receive interrupt flag is raised. If the data in the SPI/I2C Receive Buffer SFR (SPI2CRx, 0x9B) register is not read before new data is ready to be loaded into the SPI/I2C Receive Buffer SFR (SPI2CRx, 0x9B), an overflow condition has occurred. This overflow condition, indicated by the SPIRxOF flag, forces the new data to be discarded or overwritten if the RxOFW bit is set. SPITx TRANSMIT SHIFT REGISTER SPITxIRQ = 1 SPITx (EMPTY) TRANSMIT SHIFT REGISTER STOPS TRANSFER IF TIMODE = 1 SPIRx RECEIVE SHIFT REGISTER SPIRxIRQ = 1 SPIRx (FULL) RECEIVE SHIFT REGISTER SPIRxOF = 1 Figure 109. SPI Receive and Transmit Interrupt and Status Flags SCLK (SPICPOL=0) MISO SCLK (SPICPOL = 1) MOSI SPIRx1 AND SPITx1 FLAGS SS_b SPIRx0 AND SPITx0 FLAGS SPICPHA = 1 MSB BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 LSB ? MSB BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 LSB ? MSB BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 LSB ? MSB BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 LSB ? MISO MOSI SPIRx1 AND SPITx1 FLAGS SPIRx0 AND SPITx0 FLAGS SPICPHA = 0 Figure 110. SPI Timing Configurations |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |