Electronic Components Datasheet Search
  English  ▼

X  

ADE7569ACPZF16 Datasheet(PDF) 122 Page - Analog Devices

Part # ADE7569ACPZF16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7569ACPZF16 Datasheet(HTML) 122 Page - Analog Devices

Back Button ADE7569ACPZF16 Datasheet HTML 118Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 119Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 120Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 121Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 122Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 123Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 124Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 125Page - Analog Devices ADE7569ACPZF16 Datasheet HTML 126Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 144 page
background image
ADE7566/ADE7569/ADE7166/ADE7169
Rev. A | Page 122 of 144
Table 133. Serial Port Buffer SFR (SBUF, 0x99)
Bit
Mnemonic
Default
Description
7 to 0
SBUF
0
Serial Port Data Buffer.
Table 134. Enhanced Serial Baud Rate Control SFR (SBAUDT, 0x9E)
Bit
Mnemonic
Default
Description
7
OWE
0
Overwrite Error. This bit is set when new data is received and RI = 1. It indicates that SBUF was not
read before the next character was transferred in, causing the prior SBUF data to be lost. Write a 0 to
this bit to clear it.
6
FE
0
Frame Error. This bit is set when the received frame did not have a valid stop bit. This bit is read only
and updated every time a frame is received.
5
BE
0
Break Error. This bit is set whenever the receive data line (Rx) is low for longer than a full transmission
frame, which is the time required for a start bit, 8 data bits, a parity bit, and half a stop bit. This bit is
updated every time a frame is received.
4, 3
SBTH1, SBTH0
0
Extended divider ratio for baud rate setting as shown in Table 136.
2, 1, 0
DIV2, DIV1, DIV0
0
Binary Divider. See Table 136.
DIV[2:0]
Result
000
Divide by 1.
001
Divide by 2.
010
Divide by 4.
011
Divide by 8.
100
Divide by 16.
101
Divide by 32.
110
Divide by 64.
111
Divide by 128.
Table 135. UART Timer Fractional Divider SFR (SBAUDF, 0x9D)
Bit
Mnemonic
Default
Description
7
UARTBAUDEN
0
UART Baud Rate Enable. Set to enable UART timer to generate the baud rate.
When set, PCON.7 (SMOD), T2CON.4 (TCLK), and T2CON.5 (RCLK) are ignored.
Cleared to let the baud rate be generated as per a standard 8052.
6
Not Implemented, Write Don’t Care.
5
SBAUDF.5
0
UART Timer Fractional Divider Bit 5.
4
SBAUDF.4
0
UART Timer Fractional Divider Bit 4.
3
SBAUDF.3
0
UART Timer Fractional Divider Bit 3.
2
SBAUDF.2
0
UART Timer Fractional Divider Bit 2.
1
SBAUDF.1
0
UART Timer Fractional Divider Bit 1.
0
SBAUDF.0
0
UART Timer Fractional Divider Bit 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com