Electronic Components Datasheet Search
  English  ▼

X  

AD8663 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8663
Description  Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8663 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8663_08 Datasheet HTML 6Page - Analog Devices AD8663_08 Datasheet HTML 7Page - Analog Devices AD8663_08 Datasheet HTML 8Page - Analog Devices AD8663_08 Datasheet HTML 9Page - Analog Devices AD8663_08 Datasheet HTML 10Page - Analog Devices AD8663_08 Datasheet HTML 11Page - Analog Devices AD8663_08 Datasheet HTML 12Page - Analog Devices AD8663_08 Datasheet HTML 13Page - Analog Devices AD8663_08 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8663/AD8667/AD8669
Rev. B | Page 10 of 16
VSY = ±2.5V
AV = 1
CL = 200pF
RL = 2kΩ
TIME (10µs/DIV)
Figure 29. Large Signal Transient Response, VSY = ±2.5 V
VSY = ±2.5V
AV = 1
CL = 200pF
RL = 10kΩ
TIME (2µs/DIV)
Figure 30. Small Signal Transient Response, VSY = ±2.5 V
300
0
VSY (V)
2
4
6
8
10
12
14
16
250
200
150
100
50
0
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
Figure 31. AD8663, Supply Current vs. Supply Voltage
VSY = ±8V
AV = 1
CL = 200pF
RL = 2kΩ
TIME (20µs/DIV)
Figure 32. Large Signal Transient Response, VSY = ±8 V
VSY = ±8V
AV = 1
CL = 200pF
RL = 10kΩ
TIME (2µs/DIV)
Figure 33. Small Signal Transient Response, VSY = ±8 V
1200
0
VSY (V)
2
4
6
8
10
12
14
16
1000
800
600
400
200
0
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
Figure 34. AD8669, Supply Current vs. Supply Voltage


Similar Part No. - AD8663_08

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8663 AD-AD8663_07 Datasheet
825Kb / 16P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
Rev. A
More results

Similar Description - AD8663_08

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8661 AD-AD8661_16 Datasheet
570Kb / 16P
   Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
AD8661 AD-AD8661_06 Datasheet
613Kb / 16P
   Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
REV. D
AD8667ARMZ AD-AD8667ARMZ Datasheet
638Kb / 16P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8663 AD-AD8663_07 Datasheet
825Kb / 16P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
Rev. A
AD8663 AD-AD8663_16 Datasheet
657Kb / 15P
   Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
AD8605 AD-AD8605 Datasheet
559Kb / 20P
   Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. D
AD8605 AD-AD8605_08 Datasheet
738Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
logo
STMicroelectronics
TSX711 STMICROELECTRONICS-TSX711 Datasheet
1Mb / 31P
   Low-power, precision, rail-to-rail, 2.7 MHz, 16 V CMOS operational amplifiers
March 2017 Rev 5
logo
Analog Devices
AD8603 AD-AD8603_05 Datasheet
457Kb / 20P
   Precision Micropower, Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com