Electronic Components Datasheet Search
  English  ▼

X  

AD8661 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8661
Description  Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8661 Datasheet(HTML) 1 Page - Analog Devices

  AD8661_06 Datasheet HTML 1Page - Analog Devices AD8661_06 Datasheet HTML 2Page - Analog Devices AD8661_06 Datasheet HTML 3Page - Analog Devices AD8661_06 Datasheet HTML 4Page - Analog Devices AD8661_06 Datasheet HTML 5Page - Analog Devices AD8661_06 Datasheet HTML 6Page - Analog Devices AD8661_06 Datasheet HTML 7Page - Analog Devices AD8661_06 Datasheet HTML 8Page - Analog Devices AD8661_06 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Low Noise, Precision 16 V CMOS,
Rail-to-Rail Operational Amplifiers
AD8661/AD8662/AD8664
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Low offset voltage: 100 μV maximum @ VS = 5 V
Low input bias current: 1 pA maximum
Single-supply operation: 5 V to 16 V
Low noise: 10 nV/√Hz
Wide bandwidth: 4 MHz
Unity-gain stable
Small package options
3 mm × 3 mm 8-lead LFCSP
8-lead MSOP and narrow SOIC
14-lead TSSOP and narrow SOIC
APPLICATIONS
Sensors
Medical equipment
Consumer audio
Photodiode amplification
ADC drivers
PIN CONFIGURATIONS
NC 1
–IN 2
+IN 3
V– 4
NC
8
V+
7
OUT
6
NC
5
NC = NO CONNECT
AD8661
TOP VIEW
(Not to Scale)
NC = NO CONNECT
1
NC
2
–IN
3
+IN
4
V–
7V+
8NC
6OUT
5NC
AD8661
Figure 1. AD8661, 8-Lead SOIC_N
(R-8)
Figure 2. AD8661, 8-Lead LFCSP_VD
(CP-8-2)
OUT A 1
–IN A 2
+IN A 3
V– 4
V+
8
OUT B
7
–IN B
6
+IN B
5
AD8662
TOP VIEW
(Not to Scale)
OUT A 1
–IN A 2
+IN A 3
V– 4
V+
8
OUT B
7
–IN B
6
+IN B
5
AD8662
TOP VIEW
(Not to Scale)
Figure 3. AD8662, 8-Lead SOIC_N
(R-8)
Figure 4. AD8662, 8-Lead MSOP
(RM-8)
AD8664
TOP VIEW
(Not to Scale)
OUT A 1
–IN A 2
+IN A 3
V+ 4
+IN B 5
OUT D
–IN D
+IN D
V–
14
13
12
11
10
–IN B 6
OUT B 7
–IN C
+IN C
OUT C
9
8
OUT A 1
–IN A 2
+IN A 3
V+ 4
+IN B 5
OUT D
–IN D
+IN D
V–
14
13
12
11
10
–IN B 6
OUT B 7
–IN C
+IN C
OUT C
9
8
AD8664
TOP VIEW
(Not to Scale)
Figure 5. AD8664, 14-Lead SOIC_N
(R-14)
Figure 6. AD8664, 14-Lead TSSOP
(RU-14)
GENERAL DESCRIPTION
The AD8661/AD8662/AD8664 are rail-to-rail output, single-
supply amplifiers that use the Analog Devices, Inc., patented
DigiTrim® trimming technique to achieve low offset voltage.
The AD866x series features extended operating ranges, with
supply voltages up to 16 V. It also features low input bias
current, wide signal bandwidth, and low input voltage and
current noise.
The combination of low offset, very low input bias current, and
a wide supply range makes these amplifiers useful in a wide
variety of applications usually associated with higher priced
JFET amplifiers. Systems using high impedance sensors, such as
photodiodes, benefit from the combination of low input bias
current, low noise, low offset, and wide bandwidth. The wide
operating voltage range meets the demands of high
performance ADCs and DACs. Audio applications and medical
monitoring equipment can take advantage of the high input
impedance, low voltage and current noise, and wide bandwidth.
The single AD8661 is available in a narrow 8-lead SOIC
package and a very thin, dual lead, 8-lead LFCSP. The AD8661
SOIC_N package is specified over the extended industrial
temperature range of −40°C to +125°C. The AD8661
LFCSP_VD is specified over the industrial temperature range
of −40°C to +85°C. The AD8662 is available in a narrow 8-lead
SOIC package and an 8-lead MSOP, both specified over the
extended industrial temperature range of −40°C to +125°C. The
AD8664 is available in a narrow 14-lead SOIC package and a
14-lead TSSOP, both with an extended industrial temperature
range of −40°C to +125°C.


Similar Part No. - AD8661_06

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8661ACP AD-AD8661ACP Datasheet
184Kb / 5P
16V Low Cost, High Performance CMOS Rail-to-Rail Operational Amplifiers
REV. PrA 10/5/2004
AD8661ACPZ-R2 AD-AD8661ACPZ-R2 Datasheet
570Kb / 16P
Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
AD8661ACPZ-R2 AD-AD8661ACPZ-R2 Datasheet
569Kb / 16P
Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
Rev. E
AD8661ACPZ-REEL7 AD-AD8661ACPZ-REEL7 Datasheet
570Kb / 16P
Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
AD8661ACPZ-REEL7 AD-AD8661ACPZ-REEL7 Datasheet
569Kb / 16P
Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
Rev. E
More results

Similar Description - AD8661_06

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8661 AD-AD8661_16 Datasheet
570Kb / 16P
Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
AD8667ARMZ AD-AD8667ARMZ Datasheet
638Kb / 16P
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8663 AD-AD8663_07 Datasheet
825Kb / 16P
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
Rev. A
AD8663 AD-AD8663_08 Datasheet
1Mb / 16P
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
REV. B
AD8663 AD-AD8663_16 Datasheet
657Kb / 15P
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
AD8605 AD-AD8605 Datasheet
559Kb / 20P
Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. D
AD8605 AD-AD8605_08 Datasheet
738Kb / 24P
Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
logo
STMicroelectronics
TSX711 STMICROELECTRONICS-TSX711 Datasheet
1Mb / 31P
Low-power, precision, rail-to-rail, 2.7 MHz, 16 V CMOS operational amplifiers
March 2017 Rev 5
logo
Analog Devices
AD8603 AD-AD8603_05 Datasheet
457Kb / 20P
Precision Micropower, Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com