Electronic Components Datasheet Search
  English  ▼

X  

33394 Datasheet(PDF) 2 Page - Wiha Tools

Part # 33394
Description  Nut driver and bit set 1/4" 40 pcs. incl. multifunctional bag with belt clip (44684)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

33394 Datasheet(HTML) 2 Page - Wiha Tools

  33394 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 2 / 1 page
background image
non-slip surface finish ensures a strong grip, even in oily or wet work situations.
Based on DIN 3124
Content:
●
1x Tool Belt Pouch
●
1x Ratchet wrench for nut drivers 1/4" switchable (44666)
●
1x Nut driver insert 1/4" hexagon head (44669)
●
1x Nut driver insert 1/4" hexagon head (44677)
●
1x Nut driver insert 1/4" hexagon head (44670)
●
1x Nut driver insert 1/4" hexagon head (44671)
●
1x Nut driver insert 1/4" hexagon head (44672)
●
1x Nut driver insert 1/4" hexagon head (44673)
●
1x Nut driver insert 1/4" hexagon head (44674)
●
1x Nut driver insert 1/4" hexagon head (44675)
●
1x Nut driver insert 1/4" hexagon head (44676)
●
1x Nut driver insert 1/4" hexagon head (44678)
●
1x Nut driver insert 1/4" hexagon head (44679)
●
1x Nut driver insert 1/4" hexagon head (44680)
●
1x Nut driver insert 1/4" hexagon head (44681)
●
1x Extension 1/4" for nut driver inserts (44667)
●
1x Extension 1/4" for nut driver inserts (44668)
●
1x Universal joint with ball Internal square, square head (44682)
●
1x Screwdriver with bit holder SoftFinish® magnetic 1/4" (32160)
●
1x Bit holder CentroFix Force mechanically lockable 1/4", magnetic 1/4", 1/4" (39133)
●
1x Bit Standard 25 mm 4.5 mm (01623)
●
1x Bit Standard 25 mm 5.5 mm (01624)
●
1x Bit Standard 25 mm 6.5 mm (01626)
●
1x Bit Standard 25 mm Phillips 1/4" PH1 (01657)
●
1x Bit Standard 25 mm Phillips 1/4" PH2 (01658)
●
1x Bit Standard 25 mm Pozidriv 1/4" PZ1 (01688)
●
1x Bit Standard 25 mm Pozidriv 1/4" PZ2 (01689)
●
1x Bit Standard 25 mm Pozidriv 1/4" PZ3 (01690)
●
1x Bit Standard 25 mm TORX® 1/4" T10 (01716)
●
1x Bit Standard 25 mm TORX® 1/4" T15 (01717)
●
1x Bit Standard 25 mm TORX® 1/4" T20 (01718)
●
1x Bit Standard 25 mm TORX® 1/4" T25 (01719)
●
1x Bit Standard 25 mm TORX® 1/4" T27 (01720)
●
1x Bit Standard 25 mm TORX® 1/4" T30 (01721)
●
1x Bit Standard 25 mm TORX® 1/4" T40 (01722)
●
1x Bit Standard 25 mm Hexagon 1/4" 3 mm (01705)
●
1x Bit Standard 25 mm Hexagon 1/4" 4 mm (01706)
●
1x Bit Standard 25 mm Hexagon 1/4" (01707)
●
1x Bit Standard 25 mm Hexagon 1/4" 6 mm (01708)
●
1x Tool shaft Square 1/4", 1/4" (01933)
Application: For installation and mounting work.
Customs tariff number
82060000



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com