Electronic Components Datasheet Search
  English  ▼

X  

ST7232A Datasheet(PDF) 152 Page - STMicroelectronics

Part # ST7232A
Description  8-BIT MICROCONTROLLER WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7232A Datasheet(HTML) 152 Page - STMicroelectronics

Back Button ST7232A Datasheet HTML 148Page - STMicroelectronics ST7232A Datasheet HTML 149Page - STMicroelectronics ST7232A Datasheet HTML 150Page - STMicroelectronics ST7232A Datasheet HTML 151Page - STMicroelectronics ST7232A Datasheet HTML 152Page - STMicroelectronics ST7232A Datasheet HTML 153Page - STMicroelectronics ST7232A Datasheet HTML 154Page - STMicroelectronics ST7232A Datasheet HTML 155Page - STMicroelectronics ST7232A Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 157 page
background image
ST7232A
152/157
14.6 ST7 APPLICATION NOTES
Table 30. ST7 Application Notes
IDENTIFICATION
DESCRIPTION
APPLICATION EXAMPLES
AN1658
SERIAL NUMBERING IMPLEMENTATION
AN1720
MANAGING THE READ-OUT PROTECTION IN FLASH MICROCONTROLLERS
AN1755
A HIGH RESOLUTION/PRECISION THERMOMETER USING ST7 AND NE555
EXAMPLE DRIVERS
AN 969
SCI COMMUNICATION BETWEEN ST7 AND PC
AN 970
SPI COMMUNICATION BETWEEN ST7 AND EEPROM
AN 972
ST7 SOFTWARE SPI MASTER COMMUNICATION
AN 973
SCI SOFTWARE COMMUNICATION WITH A PC USING ST72251 16-BIT TIMER
AN 974
REAL TIME CLOCK WITH ST7 TIMER OUTPUT COMPARE
AN 976
DRIVING A BUZZER THROUGH ST7 TIMER PWM FUNCTION
AN 979
DRIVING AN ANALOG KEYBOARD WITH THE ST7 ADC
AN 980
ST7 KEYPAD DECODING TECHNIQUES, IMPLEMENTING WAKE-UP ON KEYSTROKE
AN1041
USING ST7 PWM SIGNAL TO GENERATE ANALOG OUTPUT (SINUSOÏD)
AN1044
MULTIPLE INTERRUPT SOURCES MANAGEMENT FOR ST7 MCUS
AN1046
UART EMULATION SOFTWARE
AN1047
MANAGING RECEPTION ERRORS WITH THE ST7 SCI PERIPHERALS
AN1048
ST7 SOFTWARE LCD DRIVER
AN1078
PWM DUTY CYCLE SWITCH IMPLEMENTING TRUE 0% & 100% DUTY CYCLE
AN1445
EMULATED 16 BIT SLAVE SPI
AN1504
STARTING A PWM SIGNAL DIRECTLY AT HIGH LEVEL USING THE ST7 16-BIT TIMER
GENERAL PURPOSE
AN1476
LOW COST POWER SUPPLY FOR HOME APPLIANCES
AN1709
EMC DESIGN FOR ST MICROCONTROLLERS
AN1752
ST72324 QUICK REFERENCE NOTE
PRODUCT EVALUATION
AN 910
PERFORMANCE BENCHMARKING
AN 990
ST7 BENEFITS VERSUS INDUSTRY STANDARD
AN1150
BENCHMARK ST72 VS PC16
AN1151
PERFORMANCE COMPARISON BETWEEN ST72254 & PC16F876
AN1278
LIN (LOCAL INTERCONNECT NETWORK) SOLUTIONS
PRODUCT MIGRATION
AN1131
MIGRATING APPLICATIONS FROM ST72511/311/214/124 TO ST72521/321/324
PRODUCT OPTIMIZATION
AN 982
USING ST7 WITH CERAMIC RESONATOR
AN1014
HOW TO MINIMIZE THE ST7 POWER CONSUMPTION
AN1015
SOFTWARE TECHNIQUES FOR IMPROVING MICROCONTROLLER EMC PERFORMANCE
AN1070
ST7 CHECKSUM SELF-CHECKING CAPABILITY
AN1181
ELECTROSTATIC DISCHARGE SENSITIVE MEASUREMENT
AN1502
EMULATED DATA EEPROM WITH ST7 HDFLASH MEMORY
AN1530
ACCURATE TIMEBASE FOR LOW-COST ST7 APPLICATIONS WITH INTERNAL RC OSCILLA-
TOR
AN1636
UNDERSTANDING AND MINIMIZING ADC CONVERSION ERRORS
PROGRAMMING AND TOOLS
AN 978
ST7 VISUAL DEVELOP SOFTWARE KEY DEBUGGING FEATURES
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com