Electronic Components Datasheet Search
  English  ▼

X  

TL4242 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TL4242
Description  ADJUSTABLE LED DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL4242 Datasheet(HTML) 5 Page - Texas Instruments

  TL4242 Datasheet HTML 1Page - Texas Instruments TL4242 Datasheet HTML 2Page - Texas Instruments TL4242 Datasheet HTML 3Page - Texas Instruments TL4242 Datasheet HTML 4Page - Texas Instruments TL4242 Datasheet HTML 5Page - Texas Instruments TL4242 Datasheet HTML 6Page - Texas Instruments TL4242 Datasheet HTML 7Page - Texas Instruments TL4242 Datasheet HTML 8Page - Texas Instruments TL4242 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TYPICAL CHARACTERISTICS
-50
0
50
100
150
200
250
300
350
400
450
0
5
10
15
20
25
30
35
40
VCC – Supply Voltage – V
0
100
200
300
400
500
600
700
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
RREF – 8W
-10
0
10
20
30
40
50
60
0
10
20
30
40
VPWM – PWM Voltage – V
175.5
176.0
176.5
177.0
177.5
178.0
178.5
-40
-20
0
20
40
60
80
100
120 140
TJ – Virtual Junction Temperature – °C
TL4242
www.ti.com .................................................................................................................................................................................................... SLVS641 – APRIL 2008
Figure 1. Output Current vs External Resistor
Figure 2. Output Current vs Supply Voltage
Figure 3. Reference Voltage vs Junction Temperature
Figure 4. PWM Pin Input Current vs PWM Voltage
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - TL4242

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL4242 TI-TL4242 Datasheet
555Kb / 14P
ADJUSTABLE LED DRIVER
TL4242 TI-TL4242 Datasheet
498Kb / 14P
ADJUSTABLE LED DRIVER
TL4242-Q1 TI-TL4242-Q1 Datasheet
986Kb / 21P
ADJUSTABLE LED DRIVER
TL4242DRJR TI-TL4242DRJR Datasheet
555Kb / 14P
ADJUSTABLE LED DRIVER
TL4242DRJR TI-TL4242DRJR Datasheet
498Kb / 14P
ADJUSTABLE LED DRIVER
More results

Similar Description - TL4242

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4241GM INFINEON-TLE4241GM Datasheet
217Kb / 15P
LED Driver with Adjustable Current
Rev. 1.2, 2004-04-13
TLE4242G INFINEON-TLE4242G Datasheet
270Kb / 13P
Adjustable LED Driver
Rev. 1.0, 2004-01-01
logo
Texas Instruments
TL4242 TI-TL4242_09 Datasheet
555Kb / 14P
ADJUSTABLE LED DRIVER
TL4242 TI-TL4242_10 Datasheet
498Kb / 14P
ADJUSTABLE LED DRIVER
logo
Infineon Technologies A...
TLE4241GM INFINEON-TLE4241GM_07 Datasheet
261Kb / 15P
LED Driver with Adjustable Current
Rev. 1.3, 2007-03-19
logo
Texas Instruments
TL4242QKTTRQ1 TI-TL4242QKTTRQ1 Datasheet
986Kb / 21P
ADJUSTABLE LED DRIVER
logo
SHOUDING Shouding Semic...
SD7136 SHOUDING-SD7136 Datasheet
1Mb / 6P
Adjustable LED constant current driver
logo
Shenzhen Huazhimei Semi...
HM7203 HMSEMI-HM7203 Datasheet
1Mb / 7P
LED constant current adjustable driver
HM7136 HMSEMI-HM7136 Datasheet
582Kb / 9P
Adjustable Constant Current LED Driver
logo
Diodes Incorporated
AL5810Q DIODES-AL5810Q Datasheet
621Kb / 11P
ADJUSTABLE 60V LINEAR LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com