Electronic Components Datasheet Search
  English  ▼

X  

AT90PWM3 Datasheet(PDF) 135 Page - ATMEL Corporation

Part # AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Datasheet(HTML) 135 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 131Page - ATMEL Corporation AT90PWM3 Datasheet HTML 132Page - ATMEL Corporation AT90PWM3 Datasheet HTML 133Page - ATMEL Corporation AT90PWM3 Datasheet HTML 134Page - ATMEL Corporation AT90PWM3 Datasheet HTML 135Page - ATMEL Corporation AT90PWM3 Datasheet HTML 136Page - ATMEL Corporation AT90PWM3 Datasheet HTML 137Page - ATMEL Corporation AT90PWM3 Datasheet HTML 138Page - ATMEL Corporation AT90PWM3 Datasheet HTML 139Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 361 page
background image
136
4317I–AVR–01/08
AT90PWM2/3/2B/3B
16.5.2
Running Mode Description
Waveforms and length of output signals are determined by Time Parameters (DT0, OT0, DT1,
OT1) and by the running mode. Four modes are possible :
–
Four Ramp mode
–
Two Ramp mode
–
One Ramp mode
–
Center Aligned mode
16.5.2.1
Four Ramp Mode
In Four Ramp mode, each time in a cycle has its own definition
Figure 16-6. PSCn0 & PSCn1 Basic Waveforms in Four Ramp mode
The input clock of PSC is given by CLKPSC.
PSCOUTn0 and PSCOUTn1 signals are defined by On-Time 0, Dead-Time 0, On-Time 1 and
Dead-Time 1 values with :
On-Time 0 = OCRnRAH/L * 1/Fclkpsc
On-Time 1 = OCRnRBH/L * 1/Fclkpsc
Dead-Time 0 = (OCRnSAH/L + 2) * 1/Fclkpsc
Dead-Time 1 = (OCRnSBH/L + 2) * 1/Fclkpsc
Note:
Minimal value for Dead-Time 0 and Dead-Time 1 = 2 * 1/Fclkpsc
16.5.2.2
Two Ramp Mode
In Two Ramp mode, the whole cycle is divided in two moments
One moment for PSCn0 description with OT0 which gives the time of the whole moment
One moment for PSCn1 description with OT1 which gives the time of the whole moment
On-Time 0
On-Time 1
PSCOUTn0
PSCOUTn1
Dead-Time 1
Dead-Time 0
PSC Cycle
OCRnRB
OCRnSB
OCRnRA
OCRnSA
PSC Counter
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com