Electronic Components Datasheet Search
  English  ▼

X  

AT90PWM3 Datasheet(PDF) 162 Page - ATMEL Corporation

Part # AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Datasheet(HTML) 162 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 158Page - ATMEL Corporation AT90PWM3 Datasheet HTML 159Page - ATMEL Corporation AT90PWM3 Datasheet HTML 160Page - ATMEL Corporation AT90PWM3 Datasheet HTML 161Page - ATMEL Corporation AT90PWM3 Datasheet HTML 162Page - ATMEL Corporation AT90PWM3 Datasheet HTML 163Page - ATMEL Corporation AT90PWM3 Datasheet HTML 164Page - ATMEL Corporation AT90PWM3 Datasheet HTML 165Page - ATMEL Corporation AT90PWM3 Datasheet HTML 166Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 361 page
background image
163
4317I–AVR–01/08
AT90PWM2/3/2B/3B
• Bit 3 – POEN2D : PSCOUT23 Output Enable (PSC2 only)
When this bit is clear, second I/O pin affected to PSCOUT23 acts as a standard port.
When this bit is set, second I/O pin affected to PSCOUT23 is connected to the PSC waveform
generator B output and is set and clear according to the PSC operation.
• Bit 2 – POENnB: PSC n OUT Part B Output Enable
When this bit is clear, I/O pin affected to PSCOUTn1 acts as a standard port.
When this bit is set, I/O pin affected to PSCOUTn1 is connected to the PSC waveform generator
B output and is set and clear according to the PSC operation.
• Bit 1 – POEN2C : PSCOUT22 Output Enable (PSC2 only)
When this bit is clear, second I/O pin affected to PSCOUT22 acts as a standard port.
When this bit is set, second I/O pin affected to PSCOUT22 is connected to the PSC waveform
generator A output and is set and clear according to the PSC operation.
• Bit 0 – POENnA: PSC n OUT Part A Output Enable
When this bit is clear, I/O pin affected to PSCOUTn0 acts as a standard port.
When this bit is set, I/O pin affected to PSCOUTn0 is connected to the PSC waveform generator
A output and is set and clear according to the PSC operation.
16.25.4
Output Compare SA Register – OCRnSAH and OCRnSAL
16.25.5
Output Compare RA Register – OCRnRAH and OCRnRAL
16.25.6
Output Compare SB Register – OCRnSBH and OCRnSBL
Table 16-12. Synchronization Source Description in Centered Mode
PSYNCn1
PSYNCn0
Description
00
Send signal on match with OCRnRA (during counting down of PSC). The
min value of OCRnRA must be 1.
01
Send signal on match with OCRnRA (during counting up of PSC). The
min value of OCRnRA must be 1.
1
0
no synchronization signal
1
1
no synchronization signal
Bit
7
65
43
21
0
–
–
–
–
OCRnSA[11:8]
OCRnSAH
OCRnSA[7:0]
OCRnSAL
Read/Write
WW
WW
WW
WW
Initial Value
0
0
0
0
0
0
0
0
Bit
7
65
43
21
0
–
–
–
–
OCRnRA[11:8]
OCRnRAH
OCRnRA[7:0]
OCRnRAL
Read/Write
WW
WW
WW
WW
Initial Value
0
0
0
0
0
0
0
0
Bit
7
65
43
21
0
–
–
–
–
OCRnSB[11:8]
OCRnSBH
OCRnSB[7:0]
OCRnSBL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com