Electronic Components Datasheet Search
  English  ▼

X  

AT90PWM3 Datasheet(PDF) 224 Page - ATMEL Corporation

Part # AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Datasheet(HTML) 224 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 220Page - ATMEL Corporation AT90PWM3 Datasheet HTML 221Page - ATMEL Corporation AT90PWM3 Datasheet HTML 222Page - ATMEL Corporation AT90PWM3 Datasheet HTML 223Page - ATMEL Corporation AT90PWM3 Datasheet HTML 224Page - ATMEL Corporation AT90PWM3 Datasheet HTML 225Page - ATMEL Corporation AT90PWM3 Datasheet HTML 226Page - ATMEL Corporation AT90PWM3 Datasheet HTML 227Page - ATMEL Corporation AT90PWM3 Datasheet HTML 228Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 361 page
background image
225
4317I–AVR–01/08
AT90PWM2/3/2B/3B
When set the EUSART operates in manchester encoder/decoder mode (Manchester encoded
frames). When cleared the EUSART detected and transmit level encoded frames.
As in Manchester mode the parity checker and generator are unavailable, the parity
should be configured to none ( write UPM1:0 to 00 in UCSRC), see Table 18-5.
• Bit 0 –Bit Order
This bit allows to change the bit ordering in the transmit and received frames.
Clear to transmit and receive LSB first (standard USART mode)
Set to transmit and receive MSB first.
19.6.5
EUSART Status Register C – EUCSRC
• Bit 7:4 –Reserved Bits
These bits are reserved for future use. For compatibilty with future devices, these bits must be
written to zero when EUSCRC is written.
• Bit 3 –Frame Error Manchester
This bit is set by hardware when a framing error is detected in manchester mode. This bit is valid
when the RxC bit is set and until the receive buffer (UDR) is read.
• Bit 2 –F1617
When the receiver is configured for 16 or 17 bits in Manchester encoded mode, this bit indicates
if the received frame is 16 or 17 bits lenght.
Cleared: indicates that the received frame is 16 bits lenght.
Set: Indicates that the received frame is 17 bits lenght.
This bit is valid when the RxC bit is set and until the receive buffer (UDR) is read.
• Bit 1:0 –Stop bits values
When Manchester mode is activated, these bits contains the stop bits value of the previous
received frame.
When the data bits in the serial frame are standard level encoded, these bits are not updated.
Table 19-4.
USART/EUSART modes selection summary
UMSEL
EMCH
EUSART
Mode
0X0
Asynchronous up to 9 bits level encoded (standard
asynchronous USART mode)
1X0
Synchronous up to 9 bits level encoded (standard
synchronous USART mode)
0
0
1
Asynchronous up to 17 bits level encoded
0
1
1
Asynchronous up to 17 bits Manchester encoded
1
0
1
Synchronous up to 17 bits level encoded
111
Reserved
Bit
7
65
43
21
0
-
-
-
-
FEM
F1617
STP1
STP0
EUCSRC
Read/Write
RR
RR
RR
R
R
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com