Electronic Components Datasheet Search
  English  ▼

X  

AT90PWM3 Datasheet(PDF) 234 Page - ATMEL Corporation

Part # AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Datasheet(HTML) 234 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 230Page - ATMEL Corporation AT90PWM3 Datasheet HTML 231Page - ATMEL Corporation AT90PWM3 Datasheet HTML 232Page - ATMEL Corporation AT90PWM3 Datasheet HTML 233Page - ATMEL Corporation AT90PWM3 Datasheet HTML 234Page - ATMEL Corporation AT90PWM3 Datasheet HTML 235Page - ATMEL Corporation AT90PWM3 Datasheet HTML 236Page - ATMEL Corporation AT90PWM3 Datasheet HTML 237Page - ATMEL Corporation AT90PWM3 Datasheet HTML 238Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 361 page
background image
235
4317I–AVR–01/08
AT90PWM2/3/2B/3B
Figure 21-1. Analog to Digital Converter Block Schematic
MUX2
MUX1
MUX0
MUX3
REFS1
REFS0
ADLAR
-
ADPS2
ADPS1
ADPS0
ADIE
ADEN
ADSC
ADATE
ADIF
ADMUX
ADCSRA
ADTS2
ADTS1
ADTS0
ADASCR
---
ADCSRB
Edge
Detector
ADC0
ADC1
ADC2
ADC3
ADC4
ADC5
ADC6
ADC7
AMP1-/ADC8
AMP1+/ADC9
ADC10
AMP0-
AMP0+
-
+
AMP0CSR
-
+
AMP1CSR
+
-
SAR
10
10
ADCH
ADCL
Coarse/Fine DAC
10
Internal 2.56V
Reference
REFS0
REFS1
AREF
AVCC
PRESCALER
CK
CKADC
CONTROL
CKADC
ADC CONVERSION
COMPLETE IRQ
GND
Bandgap
ADATE
ADTS3
Only on AT90PWM2/3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com