Electronic Components Datasheet Search
  English  ▼

X  

AT90PWM3 Datasheet(PDF) 249 Page - ATMEL Corporation

Part # AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Datasheet(HTML) 249 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 245Page - ATMEL Corporation AT90PWM3 Datasheet HTML 246Page - ATMEL Corporation AT90PWM3 Datasheet HTML 247Page - ATMEL Corporation AT90PWM3 Datasheet HTML 248Page - ATMEL Corporation AT90PWM3 Datasheet HTML 249Page - ATMEL Corporation AT90PWM3 Datasheet HTML 250Page - ATMEL Corporation AT90PWM3 Datasheet HTML 251Page - ATMEL Corporation AT90PWM3 Datasheet HTML 252Page - ATMEL Corporation AT90PWM3 Datasheet HTML 253Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 361 page
background image
250
4317I–AVR–01/08
AT90PWM2/3/2B/3B
In accordance with the Table 21-6, these 3 bits select the interrupt event which will generate the
trigger of the start of conversion. The start of conversion will be generated by the rising edge of
the selected interrupt flag whether the interrupt is enabled or not. In case of trig on PSCnASY
event, there is no flag. So in this case a conversion will start each time the trig event appears
and the previous conversion is completed
Table 21-6.
ADC Auto Trigger Source Selection for non amplified conversions
ADTS3
ADTS2
ADTS1
ADTS0
Description
0
0
0
0
Free Running Mode
0
0
0
1
Analog Comparator 0
0
0
1
0
External Interrupt Request 0
0
0
1
1
Timer/Counter0 Compare Match
0
1
0
0
Timer/Counter0 Overflow
0
1
0
1
Timer/Counter1 Compare Match B
0
1
1
0
Timer/Counter1 Overflow
0
1
1
1
Timer/Counter1 Capture Event
1
0
0
0
PSC0ASY Event
(1)
1.
For trigger on any PSC event, if the PSC uses the PLL clock, the core must use PLL/4 clock
source.
1
0
0
1
PSC1ASY Event
(1)
1
0
1
0
PSC2ASY Event
(1)
1
0
1
1
Analog comparator 1
1
1
0
0
Analog comparator 2
110
1Reserved
111
0Reserved
111
1Reserved
Table 21-7.
ADC Auto Trigger Source Selection for amplified conversions
ADTS3
ADTS2
ADTS1
ADTS0
Description
0
0
0
0
Free Running Mode
000
1Reserved
001
0Reserved
001
1Reserved
010
0Reserved
010
1Reserved
011
0Reserved
011
1Reserved
1
0
0
0
PSC0ASY Event
(1)
1
0
0
1
PSC1ASY Event
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com