Electronic Components Datasheet Search
  English  ▼

X  

AT90PWM3 Datasheet(PDF) 261 Page - ATMEL Corporation

Part # AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Datasheet(HTML) 261 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 257Page - ATMEL Corporation AT90PWM3 Datasheet HTML 258Page - ATMEL Corporation AT90PWM3 Datasheet HTML 259Page - ATMEL Corporation AT90PWM3 Datasheet HTML 260Page - ATMEL Corporation AT90PWM3 Datasheet HTML 261Page - ATMEL Corporation AT90PWM3 Datasheet HTML 262Page - ATMEL Corporation AT90PWM3 Datasheet HTML 263Page - ATMEL Corporation AT90PWM3 Datasheet HTML 264Page - ATMEL Corporation AT90PWM3 Datasheet HTML 265Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 361 page
background image
262
4317I–AVR–01/08
AT90PWM2/3/2B/3B
• Bit 2 – DALA: Digital to Analog Left Adjust
Set this bit to left adjust the DAC input data.
Clear it to right adjust the DAC input data.
The DALA bit affects the configuration of the DAC data registers. Changing this bit affects the
DAC output on the next DACH writing.
• Bit 1 – DAOE: Digital to Analog Output Enable bit
Set this bit to output the conversion result on D2A,
Clear it to use the DAC internally.
• Bit 0 – DAEN: Digital to Analog Enable bit
Set this bit to enable the DAC,
Clear it to disable the DAC.
22.4.2
Digital to Analog Converter input Register – DACH and DACL
DACH and DACL registers contain the value to be converted into analog voltage.
Writing the DACL register forbid the update of the input value until DACH has not been written
too. So the normal way to write a 10-bit value in the DAC register is firstly to write DACL the
DACH.
In order to work easily with only 8 bits, there is the possibility to left adjust the input value. Like
this it is sufficient to write DACH to update the DAC value.
22.4.2.1
DALA = 0
22.4.2.2
DALA = 1
1
0
0
Timer/Counter0 Overflow
1
0
1
Timer/Counter1 Compare Match B
1
1
0
Timer/Counter1 Overflow
1
1
1
Timer/Counter1 Capture Event
Table 22-1.
DAC Auto Trigger source selection (Continued)
DATS2
DATS1
DATS0
Description
Bit
7
6543
2
1
0
-
-
-
-
-
-
DAC9
DAC8
DACH
DAC7
DAC6
DAC5
DAC4
DAC3
DAC2
DAC1
DAC0
DACL
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0000
0
0
0
0
0000
0
0
0
Bit
7
6543
2
1
0
DAC9
DAC8
DAC7
DAC6
DAC5
DAC4
DAC3
DAC2
DACH
DAC1
DAC0
-
----
-
DACL
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0000
0
0
0
0
0000
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com