Electronic Components Datasheet Search
  English  ▼

X  

AT90PWM3 Datasheet(PDF) 280 Page - ATMEL Corporation

Part # AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Datasheet(HTML) 280 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 276Page - ATMEL Corporation AT90PWM3 Datasheet HTML 277Page - ATMEL Corporation AT90PWM3 Datasheet HTML 278Page - ATMEL Corporation AT90PWM3 Datasheet HTML 279Page - ATMEL Corporation AT90PWM3 Datasheet HTML 280Page - ATMEL Corporation AT90PWM3 Datasheet HTML 281Page - ATMEL Corporation AT90PWM3 Datasheet HTML 282Page - ATMEL Corporation AT90PWM3 Datasheet HTML 283Page - ATMEL Corporation AT90PWM3 Datasheet HTML 284Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 361 page
background image
281
4317I–AVR–01/08
AT90PWM2/3/2B/3B
25.2
Fuse Bits
The AT90PWM2/2B/3/3B has three Fuse bytes. Table 25-4 - Table 25-6 describe briefly the
functionality of all the fuses and how they are mapped into the Fuse bytes. Note that the fuses
are read as logical zero, “0”, if they are programmed.
Note:
1. The default value of BOOTSZ1..0 results in maximum Boot Size. See Table 25-7 on page 284
for details.
25.3
PSC Output Behaviour During Reset
For external component safety reason, the state of PSC outputs during Reset can be pro-
grammed by fuses PSCRV, PSC0RB, PSC1RB & PSC2RB.
These fuses are located in the Extended Fuse Byte ( see Table 25-4)
PSCRV gives the state low or high which will be forced on PSC outputs selected by PSC0RB,
PSC1RB & PSC2RB fuses.
If PSCRV fuse equals 0 (programmed), the selected PSC outputs will be forced to low state. If
PSCRV fuse equals 1 (unprogrammed), the selected PSC outputs will be forced to high state.
If PSC0RB fuse equals 1 (unprogrammed), PSCOUT00 & PSCOUT01 keep a standard port
behaviour. If PSC0RB fuse equals 0 (programmed), PSCOUT00 & PSCOUT01 are forced at
reset to low level or high level according to PSCRV fuse bit. In this second case, PSCOUT00 &
PSCOUT01 keep the forced state until PSOC0 register is written..
If PSC1RB fuse equals 1 (unprogrammed), PSCOUT10 & PSCOUT11 keep a standard port
behaviour. If PSC1RB fuse equals 0 (programmed), PSCOUT10 & PSCOUT11 are forced at
reset to low level or high level according to PSCRV fuse bit. In this second case, PSCOUT10 &
PSCOUT11 keep the forced state until PSOC1 register is written.
If PSC2RB fuse equals 1 (unprogrammed), PSCOUT20, PSCOUT21, PSCOUT22 &
PSCOUT23 keep a standard port behaviour. If PSC1RB fuse equals 0 (programmed),
PSCOUT20, PSCOUT21, PSCOUT22 & PSCOUT23 are forced at reset to low level or high
level according to PSCRV fuse bit. In this second case, PSCOUT20, PSCOUT21, PSCOUT22 &
PSCOUT23 keep the forced state until PSOC2 register is written.
Table 25-4.
Extended Fuse Byte
Extended Fuse Byte
Bit No
Description
Default Value
PSC2RB
7
PSC2 Reset Behaviour
1
PSC1RB
6
PSC1 Reset Behaviour
1
PSC0RB
5
PSC0 Reset Behaviour
1
PSCRV
4
PSCOUT Reset Value
1
–3
–
1
BOOTSZ1
2
Select Boot Size
(see Table 113 for details)
0 (programmed)
(1)
BOOTSZ0
1
Select Boot Size
(see Table 113 for details)
0 (programmed)
(1)
BOOTRST
0
Select Reset Vector
1 (unprogrammed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com