Electronic Components Datasheet Search
  English  ▼

X  

AT90PWM3 Datasheet(PDF) 299 Page - ATMEL Corporation

Part # AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Datasheet(HTML) 299 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 295Page - ATMEL Corporation AT90PWM3 Datasheet HTML 296Page - ATMEL Corporation AT90PWM3 Datasheet HTML 297Page - ATMEL Corporation AT90PWM3 Datasheet HTML 298Page - ATMEL Corporation AT90PWM3 Datasheet HTML 299Page - ATMEL Corporation AT90PWM3 Datasheet HTML 300Page - ATMEL Corporation AT90PWM3 Datasheet HTML 301Page - ATMEL Corporation AT90PWM3 Datasheet HTML 302Page - ATMEL Corporation AT90PWM3 Datasheet HTML 303Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 361 page
background image
300
4317I–AVR–01/08
AT90PWM2/3/2B/3B
26.2
DC Characteristics
T
A = -40°C to +105°C, VCC = 2.7V to 5.5V (unless otherwise noted)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VIL
Input Low Voltage
Port B, C & D and XTAL1,
XTAL2 pins as I/O
-0.5
0.2V
CC
(1)
V
VIH
Input High Voltage
Port B, C & D and XTAL1,
XTAL2 pins as I/O
0.6V
CC
(2)
V
CC+0.5
V
VIL1
Input Low Voltage
XTAL1 pin , External
Clock Selected
-0.5
0.1V
CC
(1)
V
VIH1
Input High Voltage
XTAL1 pin , External
Clock Selected
0.7V
CC
(2)
V
CC+0.5
V
VIL2
Input Low Voltage
RESET pin
-0.5
0.2V
CC
(1)
V
VIH2
Input High Voltage
RESET pin
0.9VCC
(2)
VCC+0.5
V
VIL3
Input Low Voltage
RESET pin as I/O
-0.5
0.2V
CC
(1)
V
VIH3
Input High Voltage
RESET pin as I/O
0.8V
CC
(2)
V
CC+0.5
V
VOL
Output Low Voltage
(3)
(Port B, C & D and
XTAL1, XTAL2 pins as
I/O)
IOL = 20 mA, VCC = 5V
IOL = 10 mA, VCC = 3V
0.7
0.5
V
V
VOH
Output High Voltage
(4)
(Port B, C & D and
XTAL1, XTAL2 pins as
I/O)
IOH = -20 mA, VCC = 5V
IOH = -10 mA, VCC = 3V
4.2
2.4
V
V
VOL3
Output Low Voltage
(3)
(RESET pin as I/O)
IOL = 2.1 mA, VCC = 5V
IOL = 0.8 mA, VCC = 3V
0.7
0.5
V
V
VOH3
Output High Voltage
(4)
(RESET pin as I/O)
IOH = -0.6 mA, VCC = 5V
IOH = -0.4 mA, VCC = 3V
3.8
2.2
V
V
IIL
Input Leakage
Current I/O Pin
V
CC = 5.5V, pin low
(absolute value)
1µA
IIH
Input Leakage
Current I/O Pin
V
CC = 5.5V, pin high
(absolute value)
1µA
RRST
Reset Pull-up Resistor
30
200
k
Ω
Rpu
I/O Pin Pull-up Resistor
20
50
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com