Electronic Components Datasheet Search
  English  ▼

X  

OPGS1 Datasheet(PDF) 156 Page - ABB

Part # OPGS1
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPGS1 Datasheet(HTML) 156 Page - ABB

Back Button OPGS1 Datasheet HTML 152Page - ABB OPGS1 Datasheet HTML 153Page - ABB OPGS1 Datasheet HTML 154Page - ABB OPGS1 Datasheet HTML 155Page - ABB OPGS1 Datasheet HTML 156Page - ABB OPGS1 Datasheet HTML 157Page - ABB OPGS1 Datasheet HTML 158Page - ABB OPGS1 Datasheet HTML 159Page - ABB OPGS1 Datasheet HTML 160Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 192 page
background image
—
Motorized switch-disconnectors, IEC
Technical data
—
Technical data according to IEC 60947-3
Switch type
OTM1000E
OTM1250E
OTM1600E
OTM2000E
OTM2500E
OTM3200E
OTM4000E
Rated insulation voltage and
rated operational voltage AC20/DC20
Pollution
degree 3
1 000 V
1 000 V
1 000 V
1 000 V
1 000 V
1 000 V
1 000 V
Dielectric strength
50 Hz 1 min.
10 kV
10 kV
10 kV
10 kV
10 kV
10 kV
10 kV
Rated impulse withstand voltage
12 kV
12 kV
12 kV
12 kV
12 kV
8 kV
8 kV
Rated thermal current and
rated operational current AC20/DC20
Ambient 40 °C 1)
In open air
1 000 A
1 250 A
1 600 A
2 000 A
2 500 A
3 200 A
3 800 A 2),
4000 A 5)
Ambient 40 °C 1)
In enclosure
1 000 A
1 250 A
1 600 A
–
–
–
–
..with minimum conductor cross
section
Cu
2x300 mm²
2x400 mm²
2x500 mm²
3x500 mm²
4x500 mm²
4x1 000 mm² 5x1 000 mm²
Rated operational current, AC-21A
up to 690 V
1 000 A
1 250 A
1 600 A
2 000 A 2)
2 500 A 2)
–
–
1000 V
1 000 A
1 250 A
1 600 A
–
–
–
–
Rated operational current, AC-22A
up to 415 V
1 000 A
1 250 A
1 600 A
2 000 A 2)
2 500 A 2)
3 200 A 2)
3 800 A 2),
4000 A 5)
500 - 690 V
1 000 A
1 250 A
1 600 A
2 000 A 2) 3)
2 500 A 2) 3)
–
–
Rated operational current, AC-23A
up to 500 V
1 000 A
1 250 A
1 250 A
–
–
–
–
690 V
1 000 A
1 250 A
1 250 A
–
–
–
–
Rated operational power, AC-23A
(These values are given for guidance
and may vary acc. to the motor
manufacturer)
400...415 V
560 kW
710 kW
710 kW
–
–
–
–
440 V
630 kW
800 kW
800 kW
–
–
–
–
500 V
710 kW
900 kW
900 kW
–
–
–
–
690 V
1 000 kW
1 200 kW
1 200
–
–
–
–
Rated breaking capacity, AC-23A
up to 500 V
10 000 A
10 000 A
10 000 A
–
–
–
–
690 V
10 000 A
10 000 A
10 000 A
–
–
–
–
Rated conditional short-circuit
current Icc
(r.m.s.) and corresponding max.
allowed
cut-off current Îc. The cut-off current Îc
refers to values listed by fuse
manufacturers (single phase test
acc. to IEC60269).
Iq80kA, 415V
Max. OFA_fuse
size
Îc
100 kA
100 kA
100 kA
–
–
–
–
gG/aM
1 250 A/
1 250 A
1 250 A/
1 250 A
1 250 A/
1 250 A
–
–
–
–
Iq 100kA, 500V
Max. OFA_fuse
size
Îc
106 kA
106 kA
106 kA
–
–
–
–
gG/aM
1 250 A/
1 250 A
1 250 A/
1 250 A
1 250 A/
1 250 A
–
–
–
–
Rated short-time withstand current
r.m.s. -value Icw
690 V, 0.25 s
50 kA
50 kA
50 kA
80 kA
80 kA
60 kA
60 kA
690 V, 1 s
50 kA
50 kA
50 kA
55 kA
55 kA
–
–
Rated short circuit making capacity
Peak value Icm
Max. distance
from
switch frame to
nearest busbar/
cable support
690 V
110 kA 4)
110 kA 4)
110 kA 4)
176 kA
176 kA
176 kA
176 kA
150 mm
150 mm
150 mm
150 mm
150 mm
150 mm
150 mm
Rated capacitor power when
no initial charge on the capacitor
The capacitor
ratings are limited
by the fuse links
415 V
460 kVAr
575 kVAr
575 kVAr
–
–
–
–
500 V
550 kVAr
690 kVAr
690 kVAr
–
–
–
–
690 V
750 kVAr
950 kVAr
950 kVAr
–
–
–
–
Power loss / pole
At rated
operational
current
19 W
29 W
48 W
55 W
85 W
95 W
120 W
Mechanical endurance
Divide by two for
operation cycles
6 000 Oper.
6 000 Oper.
6 000 Oper.
6 000 Oper.
6 000 Oper.
5 000 Oper.
5 000 Oper.
Weight without accessories
3-pole
25 kg
25 kg
26 kg
32 kg
32 kg
46.2 kg
51 kg
Terminal bolt size
Metric thread
diameter x length
M12x50 mm
M12x50 mm
M12x60 mm
M12x60 mm
M12x60 mm
M12x60 mm
M12x60 mm
Terminal tightening torque
Counter torque
required
50...75 Nm
50...75 Nm
50...75 Nm
50...75 Nm
50...75 Nm
50...75 Nm
50...75 Nm
Operating torque
3-pole switch-
disconnector
78 Nm
78 Nm
78 Nm
78 Nm
78 Nm
80 Nm
80 Nm
1)
Acc. to IEC60947-1, § 6.1.1.
2)
IEC 947-3, utilization category B, infrequent operation.
3)
Phase barriers or terminal shrouds must be used on both sides of the switch at voltages ≥ 500 V.
4)
The value is 92 kA for 4-pole switch-disconnectors.
5)
OTM4000E_W8_
156
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
156
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com