Electronic Components Datasheet Search
  English  ▼

X  

OPGS1 Datasheet(PDF) 161 Page - ABB

Part # OPGS1
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPGS1 Datasheet(HTML) 161 Page - ABB

Back Button OPGS1 Datasheet HTML 157Page - ABB OPGS1 Datasheet HTML 158Page - ABB OPGS1 Datasheet HTML 159Page - ABB OPGS1 Datasheet HTML 160Page - ABB OPGS1 Datasheet HTML 161Page - ABB OPGS1 Datasheet HTML 162Page - ABB OPGS1 Datasheet HTML 163Page - ABB OPGS1 Datasheet HTML 164Page - ABB OPGS1 Datasheet HTML 165Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 192 page
background image
—
Motorized switch-disconnectors, IEC
Ordering information
—
Motorized switch-disconnectors, IEC
Including a handle for manual operation, bolt kit with nut and washers for all terminals,
male connectors for control circuit and a handle and spare fuse storage clip.
Type codes for motor voltage Ue = 110...240 V AC/DC, see table below.
IEC type with standard phase distance.
Rated current
Number of
poles
Type
Order code
Weight/
unit
AC-22A ≤ 690 V
A
kg
160/160
3
OTM160E3M230C
1SCA115283R1001
4.6
160/160
4
OTM160E4M230C
1SCA115293R1001
5.0
200/200
2
OTM200E2M230V
1SCA121184R1001
4.3
200/200
3
OTM200E3M230C
1SCA115284R1001
4.6
200/200
4
OTM200E4M230C
1SCA115292R1001
5.0
250/250
2
OTM250E2M230V
1SCA121185R1001
4.3
250/250
3
OTM250E3M230C
1SCA115285R1001
4.6
250/250
4
OTM250E4M230C
1SCA115290R1001
5.0
315/315
2
OTM315E2M230V
1SCA121189R1001
7.7
315/315
3
OTM315E3M230C
1SCA115334R1001
8.4
315/315
4
OTM315E4M230C
1SCA115335R1001
9.0
400/400
2
OTM400E2M230V
1SCA121199R1001
7.7
400/400
3
OTM400E3M230C
1SCA115333R1001
8.4
400/400
4
OTM400E4M230C
1SCA115336R1001
9.0
630/630
2
OTM630E2M230V
1SCA121190R1001
11.6
630/630
3
OTM630E3M230C
1SCA115354R1001
17.4
630/630
4
OTM630E4M230C
1SCA115357R1001
18.9
800/800
2
OTM800E2M230V
1SCA121197R1001
11.6
800/800
3
OTM800E3M230C
1SCA115355R1001
17.4
800/800
4
OTM800E4M230C
1SCA115356R1001
18.9
1000/1000
2
OTM1000E2M230V
1SCA121396R1001
32.4
1000/1000
3
OTM1000E3M230C
1SCA115364R1001
37.0
1000/1000
4
OTM1000E4M230C
1SCA115368R1001
42.0
1250/1250
2
OTM1250E2M230V
1SCA121193R1001
32.4
1250/1250
3
OTM1250E3M230C
1SCA115365R1001
37.0
1250/1250
4
OTM1250E4M230C
1SCA115367R1001
42.0
1600/1250
3
OTM1600E3M230C
1SCA115366R1001
39.0
1600/1250
4
OTM1600E4M230C
1SCA115369R1001
44.0
2000 1)/-
2
OTM2000E2M230V
1SCA121201R1001
32.4
2000 1)/-
3
OTM2000E3M230C
1SCA115372R1001
47.0
2000 1)/-
4
OTM2000E4M230C
1SCA115374R1001
55.0
2500 1)/-
2
OTM2500E2M230V
1SCA121195R1001
32.4
2500 1)/-
3
OTM2500E3M230C
1SCA115373R1001
47.0
2500 1)/-
4
OTM2500E4M230C
1SCA115375R1001
55.0
1)
Category B, infrequent operation
2 pole versions, motor voltage Ue 220...240 V AC/DC
—
Handle and bolt kits included as standard
Suitable for switch disconnectors
Handle+shaft kit
Bolt kit
OTM160…250
OTV250EMK
M8x25
OTM315…400
OTV400EMK
M10X30
OTM630…800
OTV800EMK
M12X40
OTM315...400E3M_
OTM630...800E3M_
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
161
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
161



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com