Electronic Components Datasheet Search
  English  ▼

X  

OPGS1 Datasheet(PDF) 132 Page - ABB

Part # OPGS1
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPGS1 Datasheet(HTML) 132 Page - ABB

Back Button OPGS1 Datasheet HTML 128Page - ABB OPGS1 Datasheet HTML 129Page - ABB OPGS1 Datasheet HTML 130Page - ABB OPGS1 Datasheet HTML 131Page - ABB OPGS1 Datasheet HTML 132Page - ABB OPGS1 Datasheet HTML 133Page - ABB OPGS1 Datasheet HTML 134Page - ABB OPGS1 Datasheet HTML 135Page - ABB OPGS1 Datasheet HTML 136Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 192 page
background image
ON and OFF-functions of main and auxiliary contacts OT160EV...4000
(1) OT1000...4000 only
Contact
Contact configuration
OA1G10
1NO
OA3G01
1NC
-45˚
0˚
30˚
60˚
90˚ α
Test
OFF
O
ON
I
Main contacts
NO test contacts
inside the mechanism
NO early operation test
contacts inside the
mechanism1)
NC test contacts inside
the mechanism
NC early operation test
contacts inside the
mechanism1)
NO test indication
contacts inside the
mechanism
NC test indication
contacts inside the
mechanism
NO auxiliary contacts in
the module on the side
of the switch
NC auxiliary contacts in
the module on the side
of the switch
—
Accessories for manual switch-disconnectors OT160...4000
Technical data for auxiliary contacts
ON and OFF-functions of main and auxiliary contacts
α
ON
Main contacts
NO auxiliary contact
NC auxiliary contact
0˚
30˚
60˚
90˚
= Contacts in closed position 0
I
= Contacts in closed position 0
I
OFF
O
ON
I
α
1.
2.
4.
6.
3.
5.
Closing:
1. Main contacts close
2. NO auxiliary contacts close
3. NC auxiliary contacts open
Opening:
4. Main contacts open
5. NO auxiliary contacts open
6. NC auxiliary contacts close
132
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
132
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com