Electronic Components Datasheet Search
  English  ▼

X  

OPGS1 Datasheet(PDF) 140 Page - ABB

Part # OPGS1
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPGS1 Datasheet(HTML) 140 Page - ABB

Back Button OPGS1 Datasheet HTML 136Page - ABB OPGS1 Datasheet HTML 137Page - ABB OPGS1 Datasheet HTML 138Page - ABB OPGS1 Datasheet HTML 139Page - ABB OPGS1 Datasheet HTML 140Page - ABB OPGS1 Datasheet HTML 141Page - ABB OPGS1 Datasheet HTML 142Page - ABB OPGS1 Datasheet HTML 143Page - ABB OPGS1 Datasheet HTML 144Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 192 page
background image
—
Accessories for manual switch-disconnectors OT160...4000
Dimensional drawings for conversion kits
Change-over and by-pass switches
OTZW25
A
210+(0...18)x20mm
OTZW26
A
210+(0...9)x20mm
B
210+(0...9)x20mm
OTZW25
A
210+(0...18)x20mm
OTZW26
A
210+(0...9)x20mm
B
210+(0...9)x20mm
OTZW26
OTZW25
OTZW25
A
210+(0...18)x20 mm
A00213_B
OTZW26
A
210+(0...18)x20 mm
B
210+(0...18)x20 mm
S00213A
12
12
D
O
III
90
40
20
O OFF
45
Ø45
Ø7
56
58
5
48
118
21...28
40
33
84
A
B
max
690
12
12
95
OETLZW 12
210+(0...18)x20 mm
220 mm
OETLZW 13
210+(0...18)x20 mm
250+(0...18)x20 mm
320 mm
A
BD
175
45
B
36
O
III
83
34
20
O OFF
45
Ø32
Ø7
53
48
5
41
118
13...20
40
33
84
A
B
max
510
C
C
C
12
OETLZW 11
OETLZW 20
OETLZW 21
OETLZW 11
210+(0...11)x20 mm
12
OETLZW 20
210+(0...18)x20 mm
8
OETLZW 21
210+(0...9)x20 mm
210+(o...9)x20 mm
8
A
BC
OETLZW12, OETLZW13
OETLZW11
OETLZW11
A
210+(0...11)x20 mm
A00116B
OETLZW12, OETLZW13
OETLZW12
OETLZW13
A
210+(0...18)x20 mm
210+(0...18)x20 mm
B
250+(0...18)x20 mm
C
220 mm
320 mm
S00117B
Main dimensions mm
140
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
140
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com