Electronic Components Datasheet Search
  English  ▼

X  

OPS2 Datasheet(PDF) 107 Page - ABB

Part # OPS2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPS2 Datasheet(HTML) 107 Page - ABB

Back Button OPS2 Datasheet HTML 103Page - ABB OPS2 Datasheet HTML 104Page - ABB OPS2 Datasheet HTML 105Page - ABB OPS2 Datasheet HTML 106Page - ABB OPS2 Datasheet HTML 107Page - ABB OPS2 Datasheet HTML 108Page - ABB OPS2 Datasheet HTML 109Page - ABB OPS2 Datasheet HTML 110Page - ABB OPS2 Datasheet HTML 111Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 192 page
background image
Front operated earthing switches OT1000...2500, bottom mounted, IEC
306
50
50
11
13,5
22,5
OT1000-1250E_
50
83
372
40
20
13,5
6
OT1600E_
223
57
B1
176
44
C1
232
72
A1
A
42
220
25
97
B
50
206
M8
167
15
109,5
105
166,5
8
min 20
14
8
108
178
Ø 22
127
167
12
429...558
( OXP12x465 )
54
80
70
274
OT1000-1250E_: 223
OT1600E_: 256
M07012/M00348/OT1600EM03 B
OT1000/1250/1600EM_
[mm/in]
01
02
03
04
03W4
04W4
03W8
04W8
A 189,5/7,46 269,5/10,61 349,5/13,76 429,5/16,91 469,5/18,48 609,5/24,00 559,5/22,03 744,5/29,31
B
80/3,15
80/3,15
80/3,15
140/5,51
140/5,51
185/7,28
185/7,28
A150/1,97130/5,12 210/8,27
290/11,42
330/12,99
470/18,50
420/16,54
605/23,82
B180/3,15160/6,30240/9,45
320/12,60
360/14,17
500/19,69
450/17,72
635/25,00
C1
106/4,17
186/7,32
266/10,47
346/13,62
386/15,20
526/20,71
476/18,74
661/26,02
OT1000...1600EM_
—
Manual switch-disconnectors OT160...4000
Dimensional drawings
Main dimensions mm, inches
OT1000/1250/1600EM_
[mm/in]
01
02
03
04
03W4
04W4
03W8
04W8
A
189,5/7,46
269,5/10,61 349,5/13,76 429,5/16,91 469,5/18,48 609,5/24,00 559,5/22,03 744,5/29,31
B
80/3,15
80/3,15
80/3,15
140/5,51
140/5,51
185/7,28
185/7,28
A1
50/1,97
130/5,12
210/8,27
290/11,42
330/12,99
470/18,50
420/16,54
605/23,82
B1
80/3,15
160/6,30
240/9,45
320/12,60
360/14,17
500/19,69
450/17,72
635/25,00
C1
106/4,17
186/7,32
266/10,47
346/13,62
386/15,20
526/20,71
476/18,74
661/26,02
M07012/M00348/OT1600EM03 B
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
107
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More