| Electronic Components Datasheet Search |
|
AM261...ZEJQ1 Datasheet(PDF) 195 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM261...ZEJQ1 Datasheet(HTML) 195 Page - Texas Instruments |
|
195 / 218 page ![]() • (OSPI Signal Descriptions): Removed SOP pin notation from OSPI0_D0, OSPI1_D0, OSPI0_D1, and OSPI1_D1.........................................................................................................................................................69 • (OSPI Signal Descriptions): Removed GPIO61 pins from OSPI0_RESET_OUT0 and added table note about external flash memory reset............................................................................................................................. 69 • (POWER Signal Descriptions): Added table notes...........................................................................................71 • (POWER Signal Descriptions): Added VPP and VSS line items......................................................................71 • (POWER Signal Descriptions): Updated description for VDDA18_LDO pin and added note.......................... 71 • (POWER Signal Descriptions): Updated description for VDD and VNWA and added table note about core voltage specification......................................................................................................................................... 71 • (SDFM Signal Descriptions): Added table notes.............................................................................................. 75 • (SPI Signal Descriptions): Moved section below SDFM Signal Descriptions................................................... 76 • (SPI Signal Descriptions): Removed SOP pin notation from SPI0_CLK and SPI0_D0 signal descriptions..... 76 • (Boot Mode Signal Descriptions): Updated descriptions to reflect correct SOP pins....................................... 77 • (VMON Signal Description): Added table note................................................................................................. 79 • (No Connection Description): Add table note................................................................................................... 79 • (USB0 Signal Descriptions): Moved Section below UART Signal Descriptions............................................... 81 • (Pin Connectivity Requirements): Added Pin Connectivity Requirements for AM261x.................................... 83 • (Specifications): Added in Electrostatic Discharge, Power-On Hours, Operating Performance Points, VPP Specifications, Timing and Switching Characteristics, and Decoupling Capacitor Requirements sections......84 • (Recommended Operation Conditions): Update VDD, VDDAR1, VDDAR2, and VDDAR3 line items to reflect required voltages dependent on R5F core frequency...................................................................................... 84 • (Electrical Characteristics): Added ADC, CMPSSA, DAC, PMU, and Safety Comparison sections................ 89 • (Thermal Resistance Characteristics): Added Thermal Resistance Characteristics for all four package types................................................................................................................................................................. 97 • (Detailed Description - Overview): Changed shared TCM from "256KB" to "512KB".................................... 186 • (Hardware Reference Design and Guidelines): Added link to Hardware Design Guide and Custom PCB System Getting Started Guide........................................................................................................................188 • (USB 2.0 Operation): Added section.............................................................................................................. 188 • (OSPI Reset): Added section for OSPI0_REST_OUT0................................................................................. 189 • (Standard Package Symbolization): Added Standard Package Symbolization section................................. 191 • (Device Naming Convention): Removed Special Features row .................................................................... 192 • (Device Naming Convention): Added 'L' and 'P' speed grades...................................................................... 192 www.ti.com AM2612, AM2611, AM2611-Q1, AM2612-Q1 SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 195 Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |