Electronic Components Datasheet Search
  English  ▼

X  

M7040N Datasheet(PDF) 101 Page - STMicroelectronics

Part # M7040N
Description  64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7040N Datasheet(HTML) 101 Page - STMicroelectronics

Back Button M7040N Datasheet HTML 97Page - STMicroelectronics M7040N Datasheet HTML 98Page - STMicroelectronics M7040N Datasheet HTML 99Page - STMicroelectronics M7040N Datasheet HTML 100Page - STMicroelectronics M7040N Datasheet HTML 101Page - STMicroelectronics M7040N Datasheet HTML 102Page - STMicroelectronics M7040N Datasheet HTML 103Page - STMicroelectronics M7040N Datasheet HTML 104Page - STMicroelectronics M7040N Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 159 page
background image
101/159
M7040N
Table 45. Latency of SEARCH from Cycles C and D to SRAM Access Cycle, 288-bit
Table 46. Shift of SSF and SSV from SADR
288-bit Search on Tables Configured as x288 Using Up to 31 M7040N Devices
The hardware diagram of the search subsystem of
31 devices is shown in Figure 74, page 103. Each
of the four blocks in the diagram represents a
block of eight M7040N devices, except the last
which has seven devices.The diagram for a block
of eight devices is shown in Figure 75, page 104.
The following are the parameters programmed
into the 31 devices.
– First thirty devices (devices 0–29):
CFG = 1010101010101010, TLSZ = 10,
HLAT = 000, LRAM = 0, and LDEV = 0.
– Thirty-first device (device 30):
CFG = 1010101010101010, TLSZ = 10,
HLAT = 000, LRAM = 1, and LDEV = 1.
Note: All 31 devices must be programmed with the
same value of TLSZ and HLAT. Only the last de-
vice in the table must be programmed with
LRAM = 1 and LDEV = 1 (Device 30 in this case).
All other upstream devices must be programmed
with LRAM = 0 and LDEV = 0 (Devices 0 through
29 in this case).
The timing diagrams referred to in this paragraph
reference the HIT/MISS assumptions defined in
Table 47, page 103. For the purpose of illustrating
the timings, it is further assumed that there is only
one device with the matching entry in each block.
Figure 77, page 106 shows the timing diagram for
a SEARCH command in the 288-bit-configured ta-
ble consisting of 31 devices for each of the eight
devices in Block 0. Figure 78, page 107 shows the
timing diagram for a SEARCH command in the
288-bit-configured table of 31 devices for all devic-
es above the winning device in Block 1. Figure 79,
page 108 shows the timing diagram for the global-
ly winning device (the final winner within its own
and all blocks) in Block 1. Figure 80, page 109
shows the timing diagram for all the devices below
the globally winning device in Block 1. Figure 81,
page 110, Figure 82, page 111, and Figure 83,
page 112, respectively, show the timing diagrams
of the devices above the globally winning device,
the globally winning device, and the devices below
the globally winning device for Block 2. Figure 84,
page 113, Figure 85, page 114, Figure 86, page
115, and Figure 87, page 116, respectively, show
the timing diagrams of the device above the glo-
bally winning device, the globally winning device,
the devices below the globally winning device (ex-
cept Device 30), and last device (Device 30) for
Block 3.
# of devices
Max Table Size
Latency in CLK Cycles
1 (TLSZ = 00)
16K x 288-bit
4
1–8 (TLSZ = 01)
128K x 288-bit
5
1–31 (TLSZ = 10)
496K x 288-bit
6
HLAT
Number of CLK Cycles
000
0
001
1
010
2
011
3
100
4
101
5
110
6
111
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com