Electronic Components Datasheet Search
  English  ▼

X  

DIM-MCU-G2 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # DIM-MCU-G2
Description  DIM MCU G2
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DIM-MCU-G2 Datasheet(HTML) 3 Page - OSRAM GmbH

  DIM-MCU-G2 Datasheet HTML 1Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 1 page
background image
Dimming interface
1…10 V
Number of control outputs
1
Load contact
6 A
Type of installation
Integrated in flush device box
Certificates & standards
Type of protection
IP20
Protection class
II
Approval marks – approval
CE / UKCA / EAC
Logistical data
Commodity code
853650809000
Environmental information
Information according Art. 33 of EU Regulation (EC) 1907/2006 (REACh)
Date of Declaration
26-03-2022
Primary Article Identifier
4062172224642
Candidate List Substance 1
Lead
CAS No. of substance 1
7439-92-1
Safe Use Instruction
The identification of the Candidate List substance is
sufficient to allow safe use of the article.
Declaration No. in SCIP database
ce4496b2-2626-4496-8516-20d592fffb4a
Equipment / Accessories
_ Suitable for up to 50 electronic control gears (external load contact required)
_ Flexible expansion via external load contact and via signal amplifier DIM SA
_ Cover and rotary knob included
Download Data
File
User instruction
DIM MCU G2
Product datasheet
__
March 14, 2023, 22:02:49
© 2023, Inventronics GmbH. All rights reserved. Inventronics is a
licensee of the OSRAM brand. OSRAM is a trademark of ams OSRAM.
DIM MCU G2
Page 3 of 4



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com