Electronic Components Datasheet Search
  English  ▼

X  

ADNS-3040 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # ADNS-3040
Description  Ultra Low-Power Mouse Sensor
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ADNS-3040 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button ADNS-3040 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ADNS-3040 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ADNS-3040 Datasheet HTML 8Page - Agilent(Hewlett-Packard) ADNS-3040 Datasheet HTML 9Page - Agilent(Hewlett-Packard) ADNS-3040 Datasheet HTML 10Page - Agilent(Hewlett-Packard) ADNS-3040 Datasheet HTML 11Page - Agilent(Hewlett-Packard) ADNS-3040 Datasheet HTML 12Page - Agilent(Hewlett-Packard) ADNS-3040 Datasheet HTML 13Page - Agilent(Hewlett-Packard) ADNS-3040 Datasheet HTML 14Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10
Typical Performance Characteristics
Figure 10. Mean Resolution vs. Z (White Paper).
Mean Resolution vs Z
0
100
200
300
400
500
600
Distance from Lens Reference Plane to Surface, Z (mm)
Black Formica
White Melamine bookshelf
Manila
White paper
Typical Path Deviation
Largest Single Perpendicular Deviation From A Straight Line At 45 Degrees
Path Length = 4 inches; Speed = 6 ips ; Resolution = 400 cpi
0
10
20
30
40
50
60
Distance From Lens Reference Plane To Navigation Surface (mm)
Black Formica
White Melamine bookshelf
Manila
White paper
Figure 11. Average error vs. distance (mm)
Relative Responsivity for ADNS-3040
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
400
500
600
700
800
900
1000
Wavelength (nm)
Figure 12. Relative Responsivity


Similar Part No. - ADNS-3040

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-3040 AVAGO-ADNS-3040 Datasheet
108Kb / 1P
   Ultra Low-Power Optical Mouse Sensor
ADNS-3040 AVAGO-ADNS-3040 Datasheet
620Kb / 14P
   Wireless USB Optical Mouse Designer?셲 Kit
logo
Broadcom Corporation.
ADNS-3040 BOARDCOM-ADNS-3040 Datasheet
108Kb / 1P
   Ultra Low-Power Optical Mouse Sensor
ADNS-3040 BOARDCOM-ADNS-3040 Datasheet
620Kb / 14P
   Wireless USB Optical Mouse Designer?셲 Kit
More results

Similar Description - ADNS-3040

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ADNK-3040 BOARDCOM-ADNK-3040 Datasheet
108Kb / 1P
   Ultra Low-Power Optical Mouse Sensor
logo
Pixart Imaging Inc.
PAW3212DB-TJDT PIXART-PAW3212DB-TJDT Datasheet
666Kb / 31P
   ULTRA LOW POWER WIRELESS MOUSE SENSOR
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-3040 AVAGO-ADNK-3040 Datasheet
108Kb / 1P
   Ultra Low-Power Optical Mouse Sensor
logo
Pixart Imaging Inc.
PAW3220LU-TJDU PIXART-PAW3220LU-TJDU Datasheet
738Kb / 7P
   Ultra-Low Power Wireless Mouse Sensor
PAW3204DB-TJ3L PIXART-PAW3204DB-TJ3L Datasheet
280Kb / 5P
   ULTRA LOW POWER WIRELESS MOUSE SENSOR
PAW3204DB-TJ3R PIXART-PAW3204DB-TJ3R Datasheet
263Kb / 5P
   ULTRA LOW POWER WIRELESS MOUSE SENSOR
PMW3260DB-TPOU PIXART-PMW3260DB-TPOU Datasheet
1Mb / 14P
   Ultra Low Power LED Optical Mouse Sensor
ADNS-2080 PIXART-ADNS-2080 Datasheet
1Mb / 30P
   Low Power Optical Mouse Sensor
ADNS-3000 PIXART-ADNS-3000_16 Datasheet
741Kb / 10P
   Low Power Optical Mouse Sensor
ADNS-3000 PIXART-ADNS-3000 Datasheet
639Kb / 30P
   Low Power Optical Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com