Electronic Components Datasheet Search
  English  ▼

X  

ST725216 Datasheet(PDF) 202 Page - STMicroelectronics

Part # ST725216
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST725216 Datasheet(HTML) 202 Page - STMicroelectronics

Back Button ST725216 Datasheet HTML 198Page - STMicroelectronics ST725216 Datasheet HTML 199Page - STMicroelectronics ST725216 Datasheet HTML 200Page - STMicroelectronics ST725216 Datasheet HTML 201Page - STMicroelectronics ST725216 Datasheet HTML 202Page - STMicroelectronics ST725216 Datasheet HTML 203Page - STMicroelectronics ST725216 Datasheet HTML 204Page - STMicroelectronics ST725216 Datasheet HTML 205Page - STMicroelectronics ST725216 Datasheet HTML 206Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 211 page
background image
ST72521
202/211
ST72521 DEVICE CONFIGURATION AND ORDERING INFORMATION (Cont’d)
ST72521 MICROCONTROLLER OPTION LIST
Customer:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Address:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Contact:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Phone No:
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference/ROM Code* : . . . . . . . . . . . . . . . . . . . . . . .
*The ROM code name is assigned by STMicroelectronics.
ROM code must be sent in .S19 format. .Hex extension cannot be processed.
Device Type/Memory Size/Package (check only one option):
Conditioning (check only one option):
Version/Temp. Range (do not check for die product). Please refer to datasheet for specific sales conditions:
Special Marking:
[ ] No
[ ] Yes "_ _ _ _ _ _ _ _ _ _ " (10 char. max)
Authorized characters are letters, digits, ’.’, ’-’, ’/’ and spaces only.
Clock Source Selection:
[ ] Resonator:
[ ] LP: Low power resonator (1 to 2 MHz)
[ ] MP: Medium power resonator (2 to 4 MHz)
[ ] MS: Medium speed resonator (4 to 8 MHz)
[ ] HS: High speed resonator (8 to 16 MHz)
[ ] Internal RC1
[ ] External Clock
PLL2
[ ] Disabled
[ ] Enabled
CSS4
[ ] Disabled
[ ] Enabled
LVD Reset
[ ] Disabled
[ ] High threshold
[ ] Med. threshold5 [ ] Low threshold5
Reset Delay
[ ] 256 Cycles
[ ] 4096 Cycles
Watchdog Selection:
[ ] Software Activation
[ ] Hardware Activation
Halt when Watchdog on:
[ ] Reset
[ ] No reset
Readout Protection3:
[ ] Disabled
[ ] Enabled
Date
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Signature
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1Internal RC can only be used if LVD is enabled.
4Not guaranteed
2PLL must not be enabled if internal RC or External Clock is selected.
5Device operation below 3.8V not guaranteed
3Readout protection is not supported if LVD is enabled.
---------------------------------
ROM DEVICE:
---------------------------------
||
-------------------------------------
60K
-------------------------------------
||
-------------------------------------
32K
-------------------------------------
TQFP80:
|
[ ] ST72521M9
|
TQFP64 14x14: |
[ ] ST72521R9
|
[ ] ST72521R6
TQFP64 10x10: |
[ ] ST72521AR9
|
[ ] ST72521AR6
---------------------------------
DIE FORM:
---------------------------------
||
--------------------------------------
60K
--------------------------------------
||
-------------------------------------
32K
--------------------------------------
80-pin:
|
[ ]
|
64-pin:
|
[ ]
|
[ ]
------------------------------------------------------------------------
Packaged Product
------------------------------------------------------------------------
||
-----------------------------------------------------
Die Product (dice tested at 25°C only)
-----------------------------------------------------
[ ] Tape & Reel
[ ] Tray
|
[ ] Tape & Reel
|
[ ] Inked wafer
|
[ ] Sawn wafer on sticky foil
--------------------
Standard
--------------------
||
-------------------
Automotive
-------------------
||
---------------------------------------
Temp. Range
---------------------------------------
[ ]
|
|
0°C to +70°C
[ ]
|
|
-10°C to +85°C
[ ]
|
[ ]
|
-40°C to +85°C
|
[ ]
|
-40°C to +105°C
|
[ ]
|
-40°C to +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com