Electronic Components Datasheet Search
  English  ▼

X  

ST725216 Datasheet(PDF) 208 Page - STMicroelectronics

Part # ST725216
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST725216 Datasheet(HTML) 208 Page - STMicroelectronics

Back Button ST725216 Datasheet HTML 203Page - STMicroelectronics ST725216 Datasheet HTML 204Page - STMicroelectronics ST725216 Datasheet HTML 205Page - STMicroelectronics ST725216 Datasheet HTML 206Page - STMicroelectronics ST725216 Datasheet HTML 207Page - STMicroelectronics ST725216 Datasheet HTML 208Page - STMicroelectronics ST725216 Datasheet HTML 209Page - STMicroelectronics ST725216 Datasheet HTML 210Page - STMicroelectronics ST725216 Datasheet HTML 211Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 208 / 211 page
background image
ST72521
208/211
15.3 FLASH REV “S” AND ROM REV “W”
15.3.1 External clock source with PLL
External clock source is not supported with the
PLL enabled.
15.3.2 LVD Startup behaviour
When the LVD is enabled, the MCU reaches its
authorized operating voltage from a reset state.
However, in some devices, the reset state is re-
leased when VDD is approximately between 0.8V
and 1.5V. As a consequence, the I/Os may toggle
when VDD is within this window.
This may be an issue especially for applications
where the MCU drives power components.
Because Flash write access is impossible within
this window, the Flash memory contents will not be
corrupted.
Figure 125. LVD Startup Behaviour
15.3.3 I/O Port D Configuration
When using an external quartz crystal or ceramic
resonator, the fOSC2 clock may be disturbed be-
cause the device goes into reserved mode control-
led by Port D.
This happens with either one of the following con-
figurations:
– PD[3:1]=010 while CSS and PLL options are
both disabled and PD4 is toggling
– PD[4:1]=1010 while CSS or PLL options are en-
abled
This is detailed in the following table:
As a consequence, for cycle-accurate operations,
these configurations are prohibited in either input
or output mode.
Workaround:
To avoid this occurring, it is recommended to con-
nect one of these pins to GND (PD2 or PD4) or
VDD (PD1 or PD3).
15.4 FLASH Rev “S” DEVICES ONLY
15.4.1 LVD Operation
Depending on the operating conditions, especially
the VDD ramp up speed and ambient temperature,
in some cases the LVD may not start. When this
occurs, the MCU may operate outside the guaran-
teed functional area (see datasheet Figure 76)
without being forced into reset state.
In this case, proper use of the watchdog may
make it possible to recover through a watchdog re-
set and allow normal operations to resume.
Consequently, the LVD function is not guaranteed
in the current silicon revision. For complete securi-
ty, an external reset circuit must be added.
5V
1.5V
VIT+
0.8V
LVD RESET
V D
D
Window
t
CSS
PLL PD[3:1]
PD4
Clock
Disturbance
OFF
OFF
010
Tog-
gling
Max. 2 clock cy-
cles lost at each
rising or falling
edge of PD4
xON
010
1
Max. 1 clock cy-
cle lost out of
every 16
ON
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com