Electronic Components Datasheet Search
  English  ▼

X  

ST72C104G2 Datasheet(PDF) 125 Page - STMicroelectronics

Part # ST72C104G2
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, I2C INTERFACES
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72C104G2 Datasheet(HTML) 125 Page - STMicroelectronics

Back Button ST72C104G2 Datasheet HTML 121Page - STMicroelectronics ST72C104G2 Datasheet HTML 122Page - STMicroelectronics ST72C104G2 Datasheet HTML 123Page - STMicroelectronics ST72C104G2 Datasheet HTML 124Page - STMicroelectronics ST72C104G2 Datasheet HTML 125Page - STMicroelectronics ST72C104G2 Datasheet HTML 126Page - STMicroelectronics ST72C104G2 Datasheet HTML 127Page - STMicroelectronics ST72C104G2 Datasheet HTML 128Page - STMicroelectronics ST72C104G2 Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 135 page
background image
ST72104G, ST72215G, ST72216G, ST72254G
125/135
8-BIT ADC CHARACTERISTICS (Cont’d)
ADC Accuracy
Figure 95. ADC Accuracy Characteristics
Notes:
1. ADC Accuracy vs. Negative Injection Current:
For IINJ-=0.8mA, the typical leakage induced inside the die is 1.6µA and the effect on the ADC accuracy is a loss of 1 LSB
for each 10K
Ω increase of the external analog source impedance. This effect on the ADC accuracy has been observed
under worst-case conditions for injection:
- negative injection
- injection to an Input with analog capability, adjacent to the enabled Analog Input
-at 5V VDD supply, and worst case temperature.
3. Data based on characterization results over the whole temperature range, monitored in production.
Symbol
Parameter
Conditions
Min
Max
Unit
|ET|
Total unadjusted error 1)
VDD=5.0V,
3)
fCPU=8MHz
1
LSB
EO
Offset error 1)
-0.5
0.5
EG
Gain Error 1)
-0.5
0.5
|ED|
Differential linearity error 1)
0.5
|EL|
Integral linearity error 1)
0.5
EO
EG
1 LSBIDEAL
1LS B
IDE AL
V
DDA
V
SSA
–
256
----------------------------------------
-
=
Vin (LSBIDEAL)
(1) Example of an actual transfer curve
(2) The ideal transfer curve
(3) End point correlation line
ET=Total Unadjusted Error: maximum deviation
between the actual and the ideal transfer curves.
EO=Offset Error: deviation between the first actual
transition and the first ideal one.
EG=Gain Error: deviation between the last ideal
transition and the last actual one.
ED=Differential Linearity Error: maximum deviation
between actual steps and the ideal one.
EL=Integral Linearity Error: maximum deviation
between any actual transition and the end point
correlation line.
Digital Result ADCDR
255
254
253
5
4
3
2
1
0
7
6
1
2
3
4
5
6
7
253 254 255 256
(1)
(2)
ET
ED
EL
(3)
VDDA
VSSA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com