Electronic Components Datasheet Search
  English  ▼

X  

ST72F264G2M6 Datasheet(PDF) 165 Page - STMicroelectronics

Part # ST72F264G2M6
Description  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F264G2M6 Datasheet(HTML) 165 Page - STMicroelectronics

Back Button ST72F264G2M6 Datasheet HTML 161Page - STMicroelectronics ST72F264G2M6 Datasheet HTML 162Page - STMicroelectronics ST72F264G2M6 Datasheet HTML 163Page - STMicroelectronics ST72F264G2M6 Datasheet HTML 164Page - STMicroelectronics ST72F264G2M6 Datasheet HTML 165Page - STMicroelectronics ST72F264G2M6 Datasheet HTML 166Page - STMicroelectronics ST72F264G2M6 Datasheet HTML 167Page - STMicroelectronics ST72F264G2M6 Datasheet HTML 168Page - STMicroelectronics ST72F264G2M6 Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 171 page
background image
ST72260G, ST72262G, ST72264G
165/171
16 SUMMARY OF CHANGES
Description of the changes between the current release of the specification and the previous one.
Rev.
Main changes
Date
1.6
Added LFBGA package on page 1 and throughout document
Added RTC timer on page 1.
Removed External RC oscillator option on page 1 and throughout document
Added “can be reprogrammed” to “Memory Protection” on page 16 and “OPTION BYTES” on
page 157.
Added “freerunning” to description of counter in “WATCHDOG TIMER (WDG)” on page 48
Changed reset value of SCIBRR register in “Hardware Register Map” on page 11
Changed SLOW and SPEED bit table in ADC “Register Description” on page 114
Removed references to Temp. range -40 to +125°C and -40 to +105°C in“OPERATING CONDI-
TIONS” on page 124 and throughout section.
Changed Vtpor values in “Low Voltage Detector (LVD) Thresholds” on page 125
Changed EMS and EMI values in “EMC CHARACTERISTICS” on page 136
Changed option list and added mention of FASTROM to “DEVICE CONFIGURATION AND OR-
DERING INFORMATION” on page 157
Added “ERRATA SHEET” on page 166
April-03
1.7
Modified description of internal RC oscillator in Section 6.2 on page 21.
Added Caution about disconnecting OSC pins in Section 6.2 on page 21
Added note on GCAL to I2C Section 11.6 on page 99.
Added note on ADC data register in Table 2 on page 11
Updated Errata sheet
Aug-03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com