Electronic Components Datasheet Search
  English  ▼

X  

ST72C171K2M Datasheet(PDF) 141 Page - STMicroelectronics

Part # ST72C171K2M
Description  8-BIT MCU with 8K FLASH, ADC, WDG, SPI, SCI, TIMERS SPGAs Software Programmable Gain Amplifiers, OP-AMP
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72C171K2M Datasheet(HTML) 141 Page - STMicroelectronics

Back Button ST72C171K2M Datasheet HTML 137Page - STMicroelectronics ST72C171K2M Datasheet HTML 138Page - STMicroelectronics ST72C171K2M Datasheet HTML 139Page - STMicroelectronics ST72C171K2M Datasheet HTML 140Page - STMicroelectronics ST72C171K2M Datasheet HTML 141Page - STMicroelectronics ST72C171K2M Datasheet HTML 142Page - STMicroelectronics ST72C171K2M Datasheet HTML 143Page - STMicroelectronics ST72C171K2M Datasheet HTML 144Page - STMicroelectronics ST72C171K2M Datasheet HTML 145Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 152 page
background image
ST72C171
141/152
9.13 OP-AMP Module Characteristics
These op-amp specific values take precedence over any generic values given elsewhere in the docu-
ment.
(T =25oC, V
DD - V
SS = 5 V ).
1) AVCL = Closed loop gain (repeater configuration)
2) Tested with positve input connected to internal band gap (reference voltage enabled) and negative in-
put floating.
3) Data based on characterization, not tested in production
4) Data guaranteed by design, not tested in production
5) Slew rate is the rate of change from 10% to 90% of the output voltage step.
SPGA1 / SPGA2 - Software Programmable Gain Operational Amplifiers
Symbol
Parameter
Condition
Min
Typ
Max
Unit
|Vio|
Input Offset Voltage
3
10
mV
ICC
Supply Current per amplifier 2)
VDD=5.0V, AVCL=1, no
load1)
0.8
2
mA
CMR 3)
Common Mode Rejection Ratio
70
dB
SVR 3)
Supply Voltage Rejection Ratio
70
dB
Avd 3)
Voltage Gain
(RL=1KΩ)
100
V/mV
VOH
High Level Ouput Voltage
(RL=10KΩ) VDD=5V
4.9
V
VOL
Low Level Ouput Voltage
(RL=10KΩ) VDD=5V
0.10
V
ISC 3)
Short circuit Current Sourced
Short circuit Current Sunk
Vo= 5V connected to VSS
Vo= 0V connected to VDD
45
70
mA
mA
GPB
Gain Bandwidth Product
4
MHz
SR+
Slew Rate 5)
AVCL=1
1)
1V/
µs
SR-
Slew Rate 5)
AVCL=1
1)
1V/
µs
en 3)
Thermal Noise
50
Φm 3)
Phase margin
40
55
Degrees
Cin 4)
Input Capacitance
10
pF
Vicm
4)
Common Mode Input Voltage
Range
VSS-
0.2
VDD
+0.2
V
∆VRef
Reference Voltage (VDDA/8
step) Precision
±10
%
∆V
BG
Band Gap Precision
±10
%
∆Gain
Programmable Gain Precision
±10
%
nV Hz 1
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com