Electronic Components Datasheet Search
  English  ▼

X  

ST90135 Datasheet(PDF) 138 Page - STMicroelectronics

Part # ST90135
Description  8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST90135 Datasheet(HTML) 138 Page - STMicroelectronics

Back Button ST90135 Datasheet HTML 134Page - STMicroelectronics ST90135 Datasheet HTML 135Page - STMicroelectronics ST90135 Datasheet HTML 136Page - STMicroelectronics ST90135 Datasheet HTML 137Page - STMicroelectronics ST90135 Datasheet HTML 138Page - STMicroelectronics ST90135 Datasheet HTML 139Page - STMicroelectronics ST90135 Datasheet HTML 140Page - STMicroelectronics ST90135 Datasheet HTML 141Page - STMicroelectronics ST90135 Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 190 page
background image
138/190
ST90158 - SERIAL PERIPHERAL INTERFACE (SPI)
SERIAL PERIPHERAL INTERFACE (Cont’d)
9.4.8 IM-bus Interface
The IM-bus features a bidirectional data line and a
clock line; in addition, it requires an IDENT line to
distinguish an address byte from a data byte (Fig-
ure 73). Unlike the I2C-bus protocol, the IM-bus
protocol sends the least significant bit first; this re-
quires a software routine which reverses the bit or-
der before sending, and after receiving, a data
byte. Figure 72 shows the connections between
an IM-bus peripheral and an ST9 SPI. The SDO
and SDI pins are connected to the bidirectional
data pin of the peripheral device. The SDO alter-
nate function is configured as Open-Drain (exter-
nal 2.5K
pull-up resistors are required).
With this type of configuration, data is sent to the
peripheral by writing the data byte to the SPIDR
register. To receive data from the peripheral, the
user should write FFh to the SPIDR register, in or-
der to generate the shift clock pulses. As the SDO
line is set to the Open-Drain configuration, the in-
coming data bits that are set to “1” do not affect the
SDO/SDI line status (which defaults to a high level
due to the FFh value in the transmit register), while
incoming bits that are set to “0” pull the input line
low.
In software it is necessary to initialise the ST9 SPI
by setting both CPOL and CPHA to “1”. By using a
general purpose I/O as the IDENT line, and forcing
it to a logical “0” when writing to the SPIDR regis-
ter, an address is sent (or read). Then, by setting
this bit to “1” and writing to SPIDR, data is sent to
the peripheral. When all the address and data
pairs are sent, it is necessary to drive the IDENT
line low and high to create a short pulse. This will
generate the stop condition.
Figure 72. ST9 and IM-bus Peripheral
n
Figure 73. IM bus Timing
VDD
SCK
SDI
SDO
ST9 MCU
IM-BUS
CLOCK
DATA
IDENT
IM-BUS
SLAVE
DEVICE
PROTOCOL
PORTX
VR001427
2.5 K
2x
1
23
45
6
CLOCK LINE
DATA LINE
1
2
4
3
5
6
MSB
VR000172
MSB
LSB
LSB
IDENT
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com