Electronic Components Datasheet Search
  English  ▼

X  

ST90135 Datasheet(PDF) 150 Page - STMicroelectronics

Part # ST90135
Description  8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST90135 Datasheet(HTML) 150 Page - STMicroelectronics

Back Button ST90135 Datasheet HTML 146Page - STMicroelectronics ST90135 Datasheet HTML 147Page - STMicroelectronics ST90135 Datasheet HTML 148Page - STMicroelectronics ST90135 Datasheet HTML 149Page - STMicroelectronics ST90135 Datasheet HTML 150Page - STMicroelectronics ST90135 Datasheet HTML 151Page - STMicroelectronics ST90135 Datasheet HTML 152Page - STMicroelectronics ST90135 Datasheet HTML 153Page - STMicroelectronics ST90135 Datasheet HTML 154Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 190 page
background image
150/190
ST90158 - SERIAL COMMUNICATIONS INTERFACE (SCI)
SERIAL COMMUNICATIONS INTERFACE (Cont’d)
Table 28. SCI Baud Rate Generator Divider Values Example 1
Table 29. SCI Baud Rate Generator Divider Values Example 2
INTCLK: 19660.800 KHz
Baud
Rate
Clock
Factor
Desired Freq
(kHz)
Divisor
Actual
Baud
Rate
Actual Freq
(kHz)
Deviation
Dec
Hex
50.00
16 X
0.80000
24576
6000
50.00
0.80000
0.0000%
75.00
16 X
1.20000
16384
4000
75.00
1.20000
0.0000%
110.00
16 X
1.76000
11170
2BA2
110.01
1.76014
-0.00081%
300.00
16 X
4.80000
4096
1000
300.00
4.80000
0.0000%
600.00
16 X
9.60000
2048
800
600.00
9.60000
0.0000%
1200.00
16 X
19.20000
1024
400
1200.00
19.20000
0.0000%
2400.00
16 X
38.40000
512
200
2400.00
38.40000
0.0000%
4800.00
16 X
76.80000
256
100
4800.00
76.80000
0.0000%
9600.00
16 X
153.60000
128
80
9600.00
153.60000
0.0000%
19200.00
16 X
307.20000
64
40
19200.00
307.20000
0.0000%
38400.00
16 X
614.40000
32
20
38400.00
614.40000
0.0000%
76800.00
16 X
1228.80000
16
10
76800.00
1228.80000
0.0000%
INTCLK: 24576 KHz
Baud
Rate
Clock
Factor
Desired Freq
(kHz)
Divisor
Actual
Baud
Rate
Actual Freq
(kHz)
Deviation
Dec
Hex
50.00
16 X
0.80000
30720
7800
50.00
0.80000
0.0000%
75.00
16 X
1.20000
20480
5000
75.00
1.20000
0.0000%
110.00
16 X
1.76000
13963
383B
110.01
1.76014
-0.00046%
300.00
16 X
4.80000
5120
1400
300.00
4.80000
0.0000%
600.00
16 X
9.60000
2560
A00
600.00
9.60000
0.0000%
1200.00
16 X
19.20000
1280
500
1200.00
19.20000
0.0000%
2400.00
16 X
38.40000
640
280
2400.00
38.40000
0.0000%
4800.00
16 X
76.80000
320
140
4800.00
76.80000
0.0000%
9600.00
16 X
153.60000
160
A0
9600.00
153.60000
0.0000%
19200.00
16 X
307.20000
80
50
19200.00
307.20000
0.0000%
38400.00
16 X
614.40000
40
28
38400.00
614.40000
0.0000%
76800.00
16 X
1228.80000
20
14
76800.00
1228.80000
0.0000%
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com