Electronic Components Datasheet Search
  English  ▼

X  

ST92F124 Datasheet(PDF) 322 Page - STMicroelectronics

Part # ST92F124
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 Datasheet(HTML) 322 Page - STMicroelectronics

Back Button ST92F124 Datasheet HTML 318Page - STMicroelectronics ST92F124 Datasheet HTML 319Page - STMicroelectronics ST92F124 Datasheet HTML 320Page - STMicroelectronics ST92F124 Datasheet HTML 321Page - STMicroelectronics ST92F124 Datasheet HTML 322Page - STMicroelectronics ST92F124 Datasheet HTML 323Page - STMicroelectronics ST92F124 Datasheet HTML 324Page - STMicroelectronics ST92F124 Datasheet HTML 325Page - STMicroelectronics ST92F124 Datasheet HTML 326Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 322 / 426 page
background image
322/426
J1850 Byte Level Protocol Decoder (JBLPD)
J1850 BYTE LEVEL PROTOCOL DECODER (Cont’d)
These registers are structured in eight groups of
four registers. The user can gain access to these
registers programming the RSEL[2:0] bits of the
OPTIONS register while the RSEL[3] bit of the
same register must be placed at 1. In this way the
user can select the group where the registers that
he/she wants to use are placed. See the descrip-
tion of OPTIONS register for the correspondence
between registers and the values of RSEL[2:0] bits
(See Table 62).
From the functional point of view, the FREG[0]-
FREG[31] registers can be seen as an array of
256 bits involved in the J1850 received message
filtering system.
The first byte received in a frame (following a valid
received SOF character) is an Identifier (I.D.) byte.
It is used by the JBLPD peripheral as the address
of the 256 bits array.
If the bit of the array correspondent to the I.D. byte
is set, then the byte is transferred to the RXDATA
register and the RDRF flag is set. Also, every other
data byte received in this frame is transferred to
the RXDATA register unless the JBLPD peripheral
is put into sleep mode setting the SLP bit.
If the bit of the array correspondent to the I.D. byte
is clear, then the transfer of this byte as well as any
byte for the balance of this frame is inhibited, and
the RDRF bit remains cleared.
The bit 0 of the FREG[0] register (FREG[0].0 -
marked as F_00 in the previous table) corre-
sponds to the I.D. byte equal to 00h while the bit 7
of the FREG[31] register (FREG[31].7 - marked as
F_FF in the previous table) corresponds to the I.D.
byte equal to FFh.
Note: The FREG registers are undefined upon re-
set. Because of this, it is strongly recommended
that the contents of these registers has to be de-
fined before JE is set for the first time after reset.
Otherwise, unpredictable results may occur.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com