Electronic Components Datasheet Search
  English  ▼

X  

ST92F124 Datasheet(PDF) 398 Page - STMicroelectronics

Part # ST92F124
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 Datasheet(HTML) 398 Page - STMicroelectronics

Back Button ST92F124 Datasheet HTML 394Page - STMicroelectronics ST92F124 Datasheet HTML 395Page - STMicroelectronics ST92F124 Datasheet HTML 396Page - STMicroelectronics ST92F124 Datasheet HTML 397Page - STMicroelectronics ST92F124 Datasheet HTML 398Page - STMicroelectronics ST92F124 Datasheet HTML 399Page - STMicroelectronics ST92F124 Datasheet HTML 400Page - STMicroelectronics ST92F124 Datasheet HTML 401Page - STMicroelectronics ST92F124 Datasheet HTML 402Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 398 / 426 page
background image
398/426
ST92F124/F150/F250 - ELECTRICAL CHARACTERISTICS
I2C/DDC-BUS TIMING TABLE (Cont’d)
The following table gives the values to be written in
the I2CCCR and I2CECCR registers to obtain the
required I2C SCL line frequency.
Table 70. SCL Frequency Table
Legend:
RP = External pull-up resistance
fSCL = I
2C speed
NA = Not achievable
Note:
– For speeds around 200 kHz, achieved speed can have
±5% tolerance
– For other speed ranges, achieved speed can have
±2% tolerance
The above variations depend on the accuracy of the external components used.
fSCL
(kHz)
I2CCCR Value
fCPU=12 MHz
fCPU=24 MHz.
VDD = 5 V
RP=3.3kΩ
RP=4.7kΩ
RP=3.3kΩ
RP=4.7kΩ
I2CECCR
I2CCCR
I2CECCR
I2CCCR
I2CECCR
I2CCCR
I2CECCR
I2CCCR
400
0
86h
0
85h
0
8Fh
0
8Eh
300
0
89h
0
89h
0
95h
0
94h
200
0
90h
0
8Fh
0
A2h
0
A2h
100
0
36h
0
36h
0
71h
0
70h
50
0
72h
0
72h
0
64h
1
64h
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com