Electronic Components Datasheet Search
  English  ▼

X  

ST92F124 Datasheet(PDF) 407 Page - STMicroelectronics

Part # ST92F124
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124 Datasheet(HTML) 407 Page - STMicroelectronics

Back Button ST92F124 Datasheet HTML 403Page - STMicroelectronics ST92F124 Datasheet HTML 404Page - STMicroelectronics ST92F124 Datasheet HTML 405Page - STMicroelectronics ST92F124 Datasheet HTML 406Page - STMicroelectronics ST92F124 Datasheet HTML 407Page - STMicroelectronics ST92F124 Datasheet HTML 408Page - STMicroelectronics ST92F124 Datasheet HTML 409Page - STMicroelectronics ST92F124 Datasheet HTML 410Page - STMicroelectronics ST92F124 Datasheet HTML 411Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 407 / 426 page
background image
407/426
ST92F124/F150/F250 - KNOWN LIMITATIONS
13 KNOWN LIMITATIONS
Limitations described in this section apply to all sil-
icon revisions. Additional limitations exist on spe-
cific silicon revisions identified by the following
trace codes:
– Gxxxxxxxx1 (ST92F124)
– AxxxxxxxxZ (ST92F150)
– AxxxxxxxxY (ST92F150)
– AxxxxxxxxA (ST92F250)
Please contact your nearest sales office for further
information.
13.1 ST92F124/F150/F250 KNOWN LIMITATIONS
13.1.1 FLASH ERASE SUSPEND LIMITATIONS
13.1.1.1 Description
In normal operation, the FSUSP bit (bit 2 in the
FCR register) must be set to suspend the current
Sector Erase operation in Flash memory in order
to access a sector not being erased. The Flash
sector erase operation is done in 3 different steps:
1. Program all addresses to 0 on selected sectors
2. Erase and erase verify
3. Reprogramming
If the erase suspend is performed during Steps 1
and 2, the flash works correctly. If the erase sus-
pend is performed during Step 3, the PGER bit (bit
6 in the FESR1 register) is set although no pro-
gram error occurred.
13.1.1.2 Workaround
After a Sector Erase suspend operation, the soft-
ware must check the status register to detect if an
erase error occurred (the corresponding sector
must be discarded). Then the software must reset
the FEERR bit. This automatically resets the flash
status register.
Whatever the state of the PGER bit at the end of
the erase operation, it will not impact the applica-
tion and an erase error is still detected.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com