Electronic Components Datasheet Search
  English  ▼

X  

NSPG520S Datasheet(PDF) 9 Page - NICHIA CORPORATION

Part # NSPG520S
Description  GREEN LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSPG520S Datasheet(HTML) 9 Page - NICHIA CORPORATION

Back Button NSPG520S Datasheet HTML 5Page - NICHIA CORPORATION NSPG520S Datasheet HTML 6Page - NICHIA CORPORATION NSPG520S Datasheet HTML 7Page - NICHIA CORPORATION NSPG520S Datasheet HTML 8Page - NICHIA CORPORATION NSPG520S Datasheet HTML 9Page - NICHIA CORPORATION NSPG520S Datasheet HTML 10Page - NICHIA CORPORATION NSPG520S Datasheet HTML 11Page - NICHIA CORPORATION NSPG520S Datasheet HTML 12Page - NICHIA CORPORATION NSPG520S Datasheet HTML 13Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
200
100
50
20
10
30
1
5
10 20
100
50
40
30
20
0
10
60
80
100
40
020
Forward Current IFP (mA)
! Ambient Temperature vs.
Allowable Forward Current
Ambient Temperature Ta (°C)
! Ambient Temperature vs.
Relative Luminosity
Ambient Temperature Ta (°C)
! Ambient Temperature vs.
Forward Voltage
Ambient Temperature Ta (°C)
Duty Ratio (%)
! Forward Current vs.
Relative Luminosity
Forward Voltage VF (V)
! Forward Voltage vs.
Forward Current
! Duty Ratio vs.
Allowable Forward Current
2.0
1.0
0.5
0.2
200
100
50
20
10
5
1
2.5
3.0
3.5
4.0
4.5
5.0
0
204060
100 120
80
020
60 80 100
40
-40 -20
0 20
60 80 100
40
-40 -20
3.5
3.0
2.5
1.5
1.0
0.5
0
2.0
5.0
4.6
4.2
3.4
3.0
2.6
3.8
Ta=25°C
Ta=25°C
Ta=25°C
IFP=5mA
IFP=20mA
IFP=60mA
IFP=20mA
TYP.CHARACTERISTICS
Model
NSPGxxxx
NICHIA CORPORATION Title
No.
011130109811


Similar Part No. - NSPG520S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NSPG520S ETC-NSPG520S Datasheet
868Kb / 15P
   LED
More results

Similar Description - NSPG520S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NSPG546BS ETC-NSPG546BS Datasheet
367Kb / 15P
   GREEN LED
logo
NICHIA CORPORATION
NSPG513A NICHIA-NSPG513A Datasheet
197Kb / 15P
   GREEN LED
NSPG513 NICHIA-NSPG513 Datasheet
234Kb / 15P
   GREEN LED
NSPG520AS NICHIA-NSPG520AS Datasheet
200Kb / 15P
   GREEN LED
NSPGR70ASS NICHIA-NSPGR70ASS Datasheet
548Kb / 13P
   GREEN LED
NCSGE17AT NICHIA-NCSGE17AT Datasheet
301Kb / 19P
   GREEN LED
NE2G757GT NICHIA-NE2G757GT Datasheet
285Kb / 18P
   GREEN LED
NSPG320BS NICHIA-NSPG320BS Datasheet
276Kb / 15P
   GREEN LED
NSPG510S NICHIA-NSPG510S Datasheet
275Kb / 15P
   GREEN LED
NSPGR70BSS NICHIA-NSPGR70BSS Datasheet
290Kb / 13P
   GREEN LED
logo
Marl International Limi...
NSPG520AS MARL-NSPG520AS Datasheet
201Kb / 15P
   GREEN LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com