Electronic Components Datasheet Search
  English  ▼

X  

NSPG520S Datasheet(PDF) 10 Page - NICHIA CORPORATION

Part # NSPG520S
Description  GREEN LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSPG520S Datasheet(HTML) 10 Page - NICHIA CORPORATION

Back Button NSPG520S Datasheet HTML 6Page - NICHIA CORPORATION NSPG520S Datasheet HTML 7Page - NICHIA CORPORATION NSPG520S Datasheet HTML 8Page - NICHIA CORPORATION NSPG520S Datasheet HTML 9Page - NICHIA CORPORATION NSPG520S Datasheet HTML 10Page - NICHIA CORPORATION NSPG520S Datasheet HTML 11Page - NICHIA CORPORATION NSPG520S Datasheet HTML 12Page - NICHIA CORPORATION NSPG520S Datasheet HTML 13Page - NICHIA CORPORATION NSPG520S Datasheet HTML 14Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Y-Y
X-X
Ta=25°C
IF=10mA
Y-Y
X-X
! Directivity (NSPG520S)
Radiation Angle
10° 20°
30°
40°
50°
60°
70°
80°
90°
1
0.5
0
! Spectrum
! Forward Current vs.
Chromaticity Coordinate D)
! Ambient Temperature vs.
Dominant Wavelength
! Forward Current vs.
Dominant Wavelength
Forward Current IFP (mA)
Ambient Temperature Ta (°C)
xx
Wavelength
λ (nm)
30°
0.5
90°
60°
1
400 450 500 550
650 700
600
1.2
1
0.8
0.4
0.2
0
0.6
020
60 80 100
40
-40 -20
531
527
525
519
529
523
521
0
0.10 0.20 0.30 0.40 0.50
0.90
0.80
0.70
0.60
0.50
0.40
15
10 20
100
50
555
545
535
515
505
495
525
Ta=25°C
IF=20mA
Ta=25°C
Ta=25°C
IF=20mA
IFP=20mA
1mA(544nm)
5mA(536nm)
20mA
(525nm)
100mA(506nm)
50mA
(514nm)
Ta=25°C
TYP.CHARACTERISTICS
Model
NSPG520S
NICHIA CORPORATION Title
No.
011130109881


Similar Part No. - NSPG520S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NSPG520S ETC-NSPG520S Datasheet
868Kb / 15P
   LED
More results

Similar Description - NSPG520S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NSPG546BS ETC-NSPG546BS Datasheet
367Kb / 15P
   GREEN LED
logo
NICHIA CORPORATION
NSPG513A NICHIA-NSPG513A Datasheet
197Kb / 15P
   GREEN LED
NSPG513 NICHIA-NSPG513 Datasheet
234Kb / 15P
   GREEN LED
NSPG520AS NICHIA-NSPG520AS Datasheet
200Kb / 15P
   GREEN LED
NSPGR70ASS NICHIA-NSPGR70ASS Datasheet
548Kb / 13P
   GREEN LED
NCSGE17AT NICHIA-NCSGE17AT Datasheet
301Kb / 19P
   GREEN LED
NE2G757GT NICHIA-NE2G757GT Datasheet
285Kb / 18P
   GREEN LED
NSPG320BS NICHIA-NSPG320BS Datasheet
276Kb / 15P
   GREEN LED
NSPG510S NICHIA-NSPG510S Datasheet
275Kb / 15P
   GREEN LED
NSPGR70BSS NICHIA-NSPGR70BSS Datasheet
290Kb / 13P
   GREEN LED
logo
Marl International Limi...
NSPG520AS MARL-NSPG520AS Datasheet
201Kb / 15P
   GREEN LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com