Electronic Components Datasheet Search
  English  ▼

X  

ADE5169ASTZF62 Datasheet(PDF) 103 Page - Analog Devices

Part # ADE5169ASTZF62
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5169ASTZF62 Datasheet(HTML) 103 Page - Analog Devices

Back Button ADE5169ASTZF62 Datasheet HTML 99Page - Analog Devices ADE5169ASTZF62 Datasheet HTML 100Page - Analog Devices ADE5169ASTZF62 Datasheet HTML 101Page - Analog Devices ADE5169ASTZF62 Datasheet HTML 102Page - Analog Devices ADE5169ASTZF62 Datasheet HTML 103Page - Analog Devices ADE5169ASTZF62 Datasheet HTML 104Page - Analog Devices ADE5169ASTZF62 Datasheet HTML 105Page - Analog Devices ADE5169ASTZF62 Datasheet HTML 106Page - Analog Devices ADE5169ASTZF62 Datasheet HTML 107Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 148 page
background image
Preliminary Technical Data
ADE5166/ADE5169/ADE5566/ADE5569
Rev. PrB | Page 103 of 148
Flash Functions
The following sample 8051 code is provided below to
demonstrate how to use the Flash functions. For these
examples, the byte of flash memory, 0x3C00 is accessed.
Write Byte
Write 0xF3 into Flash Memory Byte 0x3C00.
MOV EDATA, #F3h
; Data to be written
MOV EADRH, #3Ch
; Set up byte address
MOV EADRL, #00h
MOV FLSHKY, #3Bh
; Write Flash security
key.
MOV ECON, #01H
; Write Byte
Erase Page
Erase the page containing flash memory byte 0x3C00.
MOV EADRH, #3Ch
; Select page through
byte address
MOV EADRL, #00h
MOV FLSHKY, #3Bh
; Write Flash security
key.
MOV ECON, #02H
; Erase Page
Erase All
Erase all of the 62 kB flash memory.
MOV FLSHKY, #3Bh
; Write Flash security
key.
MOV ECON, #03H
; Erase All
Read Byte
Read Flash Memory Byte 0x3C00.
MOV EADRH, #3Ch
; Setup byte address
MOV EADRL, #00h
MOV FLSHKY, #3Bh
; Write Flash security
key.
MOV ECON, #04H
; Read Byte
; Data is ready in EDATA register
Note that the read byte command can be used to view the status
of the protection bytes located in the upper 21 bytes, Page 123.
The write byte command is not valid for this area.
PROTECTING THE FLASH MEMORY
Two forms of protection are offered for this flash memory: read
protection and write/erase protection. The read protection
ensures that any pages that are read protected cannot be read by
the end user. The write protection ensures that the flash
memory cannot be erased or written over. This protects the end
system from tampering and can prevent the code from being
overwritten in the event of a runaway program.
Write/erase protection is individually selectable for all 124
pages. Read protection is selected in groups of four pages (see
Figure 73 for the groupings). The protection bits are stored in
the last flash memory locations, Address 0xF7EB through
Address 0xF7FF (see Figure 74). 16 bytes are reserved for
write/erase protection, 4 bytes for read protection and another
byte to set the protection security key. The user must enable
write/erase protection for the last page at a minimum for the
entire protection scheme to work.
Note that the read protection does not prevent MOVC
commands from being executed within the code.
There is an additional layer of protection offered by a protection
security key. The user can setup a protection security key so
that the protection scheme cannot be changed without this key.
Once the protection key has been configured, it may not be
modified.
Enabling Flash Protection by Code
The protection bytes in the Flash can be programmed using
Flash controller command and programming ECON to 0x08.
Issuing the ECON protection command initiates the program-
ming of 1 byte of protection data. The EADRL and EDATA data
pointers are used to store the least significant address and data
bytes, respectively. Note that the EADRH data pointer is not
used in this command.
The following sequence should be followed to enable the flash
protection:
1.
Set the EDATA data pointer with the write/erase or read
protection data. When erased, the protection bits default to
1, like any other bit of flash memory. The default
protection setting is for no protection. To enable
protection, write a 0 to the bits corresponding to the pages
that should be protected. Note that when setting the read
protection that each protection bit protects four pages.
2.
Set the EADRL data pointer with the least significant byte
of the protection address. For example, to access the
protection on the Page 112 through Page 119 (Address
0xF7FE), EADRL should be written to 0xFE.
3.
Enable access to the flash by writing 3Bh to the FLSHKY
register.
4.
Issue the protection command by writing 08H to the
ECON register.
Step 1 to Step 3 should be repeated for each byte that requires
protection. While configuring the final byte of write/read
protection, the PROTKY can be enabled for a further level of
code security. If enabled, the protection key is required to
modify the protection scheme. To enable the protection key, the
flash location 0xF7EB where the PROTKY is located should be
written to using the ECON protection command (0x8). The
PROTKY can be written to any 8-bit value, but once configured,
it cannot be modified. To enable the PROTKY and activate the
flash protection, the part has to be reset.
Note that once the PROTKY has been activated by a reset any
further changes to the protection require the new 8-bit protection
key to be written to the PROTKY SFR prior to issuing the ECON
command. The PROTKY SFR is cleared automatically when the
ECON 0x8 command is issued and, therefore, the user must



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com