Electronic Components Datasheet Search
  English  ▼

X  

ADE7566 Datasheet(PDF) 104 Page - Analog Devices

Part # ADE7566
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566 Datasheet(HTML) 104 Page - Analog Devices

Back Button ADE7566 Datasheet HTML 100Page - Analog Devices ADE7566 Datasheet HTML 101Page - Analog Devices ADE7566 Datasheet HTML 102Page - Analog Devices ADE7566 Datasheet HTML 103Page - Analog Devices ADE7566 Datasheet HTML 104Page - Analog Devices ADE7566 Datasheet HTML 105Page - Analog Devices ADE7566 Datasheet HTML 106Page - Analog Devices ADE7566 Datasheet HTML 107Page - Analog Devices ADE7566 Datasheet HTML 108Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 148 page
background image
ADE75xx/ADE71xx
Preliminary Technical Data
Rev. PrE | Page 104 of 148
flash memory. Upon completion of the flash memory operation,
the FLSHKY register is reset such that it must be written prior
to another flash memory operation. Requiring the key to be set
before an access to the flash memory decreases the likelihood of
user code or data being overwritten by a program that has run
amuck.
The program counter, PC, is held on the instruction where the
ECON register is written to until the flash memory controller is
done performing the requested operation. Then the PC
increments to continue with the next instruction. Any
interrupts requests that occur while the flash controller is
performing an operation are not handled until the flash
operation is complete. All peripherals, such as timers and
counters, will continue to operate as configured throughout the
flash memory access.
Table 87. Flash Control SFR (ECON, 0xB9)
Bit
Location
Bit
Mnemonic
Default
Value
Description
7-0
ECON
0
1
Write byte: The value in EDATA is written to the Flash memory, at
the page address given by EADRH and EARDL. Note that the byte
being addressed must be pre-erased
2
Erase page: A 512-byte page of Flash memory address is erased.
The page is selected by the address in EADRH/L. Any address in
the page can be written to EADRH/L to select it for erasure.
3
Erase all: All 16 or 32kbytes of the Flash memory are erased.
Note: This command is used during serial and parallel download
modes but should not be executed by user code.
4
Read byte: The byte in the Flash memory, addressed by
EADRH/L, is read into EDATA.
5
Erase page and write byte: The page that holds the byte
addressed by EADRH/L is erased. Then, data in EDATA is written
to the byte of flash memory addressed by EADRH/L.
8
Protect code: See Protecting the Flash.
Table 88. Flash Key SFR (FLSHKY, 0xBA)
Bit
Location
Bit
Mnemonic
Default
Value
Description
7-0
FLSHKY
0xFF
The content of this SFR is compared to the Flash key – 0x3B. If the two
values match the next ECON operation is allowed - see Protecting the
Flash.
Table 89. Flash Protection Key SFR (PROTKY, 0xBB)
Bit
Location
Bit
Mnemonic
Default
Value
Description
7-0
PROTKY
0xFF
The content of this SFR is compared to the Flash memory location at
address 0x3FFA. If the two values match, the update of the Write/Erase
and Read protection set up is allowed - see Protecting the Flash.
If the protection Key in the flash is 0xFF, PROTKY SFR value is not used for
comparison. The PROTKY SFR is also used to write the protection key in
the flash. This is done by writing the desired value in PROTKY and write
0x08 in the ECON SFR. This operation can only be done once.
Table 90. Flash Data SFR (EDATA, 0xBC)
Bit
Location
Bit
Mnemonic
Default
Value
Description
7-0
EDATA
0
Flash pointer data
Table 91. Flash Write/Erase Protection 0 SFR (PROTB0, 0xBD)
Bit
Bit
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com