| Electronic Components Datasheet Search |
|
ADE7569ASTZF16 Datasheet(PDF) 114 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE7569ASTZF16 Datasheet(HTML) 114 Page - Analog Devices |
|
114 / 148 page ![]() ADE75xx/ADE71xx Preliminary Technical Data Rev. PrE | Page 114 of 148 baud rate generator mode is selected by RCLK = 1 and/or TCLK = 1. In either case, if Timer 2 is used to generate the baud rate, the TF2 interrupt flag does not occur. Therefore, Timer 2 interrupts do not occur, so they do not have to be disabled. In this mode, the EXF2 flag can, however, still cause interrupts, which can be used as a third external interrupt. Baud rate generation is described as part of the UART serial port operation in UART serial interface section. P1.4/T2 TR2 CONTROL TL2 (8 BITS) TH2 (8 BITS) RELOAD TF2 EXF2 TIMER INTERRUPT EXEN2 CONTROL TRANSITION DETECTOR P1.3/T2EX RCAP2L RCAP2H C/ T2 = 0 C/ T2 = 1 FCORE Figure 73. Timer/Counter 2, 16-Bit Autoreload Mode TF2 TR2 CONTROL TL2 (8 BITS) TH2 (8 BITS) CAPTURE EXF2 TIMER INTERRUPT EXEN2 CONTROL TRANSITION DETECTOR RCAP2L RCAP2H C/ T2 = 0 C/ T2 = 1 FCORE P1.4/T2 P1.3/T2EX Figure 74. Timer/Counter 2, 16-Bit Capture Mode |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |