Electronic Components Datasheet Search
  English  ▼

X  

ST72321BXXX-AUTO Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST72321BXXX-AUTO
Description  8-bit MCU for automotive with 32 to 60 Kbyte Flash/ROM, ADC, 5 timers, SPI, SCI, I2C interface
Download  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321BXXX-AUTO Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST72321BXXX-AUTO Datasheet HTML 16Page - STMicroelectronics ST72321BXXX-AUTO Datasheet HTML 17Page - STMicroelectronics ST72321BXXX-AUTO Datasheet HTML 18Page - STMicroelectronics ST72321BXXX-AUTO Datasheet HTML 19Page - STMicroelectronics ST72321BXXX-AUTO Datasheet HTML 20Page - STMicroelectronics ST72321BXXX-AUTO Datasheet HTML 21Page - STMicroelectronics ST72321BXXX-AUTO Datasheet HTML 22Page - STMicroelectronics ST72321BXXX-AUTO Datasheet HTML 23Page - STMicroelectronics ST72321BXXX-AUTO Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 247 page
background image
Introduction
ST72321Bxxx-Auto
20/247
1.2
Differences between ST72321B-Auto and ST72321B
datasheets
The following sections list the differences between the ST72321B-Auto datasheet
(version 1) and the ST72321B datasheet (version 4 dated 10 April 2007).
1.2.1
Principal differences
1.
Table 2: Device pin description on page 28:
removed LQFP32
added caution text for PC6
replaced VREF with VAREF in Note 3
added Note 4 to LQFP44 pin No. 22
2.
Table 30: I/O port configuration on page 79:
modified Input and Output table headers
changed configuration of pin PE2 and modified Note 1
3.
Table 104: Current characteristics on page 192:
changed maximum value for output current sunk by any standard I/O and control
pin
changed maximum value for output current sunk by any high sink I/O pin
added “Injected current on PC6 pin (Flash devices only)” to IINJ(PIN) ratings
reorganized footnotes
modified Note 3
4.
Table 110: Current consumption on page 196: Changed Flash device typical and
maximum values in Active Halt mode
5.
Table 120: Dual voltage HDFlash memory on page 203:
changed data retention conditions and minimum value
replaced TA=25°C with TA=85°C in conditions for NRW
6.
Table 134: 10-bit ADC characteristics on page 220:
modified parameter for input leakage current
removed negative input leakage current parameter
added Note 2
7.
Table 135: ADC accuracy on page 223
added maximum values specific to 32 Kbyte Flash devices only
added conditions to total unadjusted error, to offset error and to gain error
redistributed footnotes
modified Note 1
8.
Table 141: Flash option bytes on page 228:
Option byte 0: Changed OPT1 to reserved
Option byte 1: Replaced OPT7 default value with Note 1
Option byte 1: Changed OPT3 default value of from 1 to 0
9.
Table 142: Option byte 0 bit description on page 228: Changed OPT1 to reserved
10. Table 143: Option byte 1 bit description on page 229: Modified function description for
OPT3:1


Similar Part No. - ST72321BXXX-AUTO

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72321B STMICROELECTRONICS-ST72321B Datasheet
3Mb / 187P
64/44-pin 8-bit MCU with 32 to 60K Flash/ROM, ADC, five timers, SPI, SCI, I2C interface
ST72321B-D STMICROELECTRONICS-ST72321B-D Datasheet
220Kb / 6P
Raisonances complete, low-cost starter kits for STM8 and ST7
ST72321B-DRAIS STMICROELECTRONICS-ST72321B-DRAIS Datasheet
220Kb / 6P
Raisonances complete, low-cost starter kits for STM8 and ST7
ST72321BARx STMICROELECTRONICS-ST72321BARx Datasheet
2Mb / 187P
32K to 60K dual voltage High Density Flash
October 2008 Rev 5
ST72321BJx STMICROELECTRONICS-ST72321BJx Datasheet
2Mb / 187P
32K to 60K dual voltage High Density Flash
October 2008 Rev 5
More results

Similar Description - ST72321BXXX-AUTO

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72325 STMICROELECTRONICS-ST72325_07 Datasheet
3Mb / 196P
8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface
ST72325XX STMICROELECTRONICS-ST72325XX Datasheet
3Mb / 197P
8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface
ST7232A STMICROELECTRONICS-ST7232A Datasheet
1Mb / 154P
8-BIT MCU WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
ST72F321 STMICROELECTRONICS-ST72F321 Datasheet
3Mb / 189P
64/44-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
ST72321M6 STMICROELECTRONICS-ST72321M6 Datasheet
2Mb / 175P
80-pin 8-bit MCU with 32 to 60 Kbytes Flash, ADC, five timers, SPI, SCI, I2C interface
ST72321 STMICROELECTRONICS-ST72321_04 Datasheet
4Mb / 189P
64/44-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC,FIVE TIMERS, SPI, SCI, I2C INTERFACE
ST72321B STMICROELECTRONICS-ST72321B Datasheet
3Mb / 187P
64/44-pin 8-bit MCU with 32 to 60K Flash/ROM, ADC, five timers, SPI, SCI, I2C interface
ST72325 STMICROELECTRONICS-ST72325 Datasheet
1Mb / 193P
8-BIT MCU WITH 16 TO 60K FLASH/ROM, ADC, CSS, FIVE TIMERS, SPI, SCI, I2C INTERFACE
ST72321J STMICROELECTRONICS-ST72321J Datasheet
2Mb / 179P
8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 5 TIMERS, SPI, SCI, I2C INTERFACE
July 2003 Rev. 1.8
ST72F521R6TA STMICROELECTRONICS-ST72F521R6TA Datasheet
3Mb / 215P
80/64-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com